Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU54 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU54
Description  4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU54 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU54 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU54 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU54 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU54 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PDU54
4-BIT, ECL-INTERFACED
PROGRAMMABLE DELAY LINE
(SERIES PDU54)
FEATURES
PACKAGES
•
Digitally programmable in 16 delay steps
•
Monotonic delay-versus-address variation
•
Precise and stable delays
•
Input & outputs fully 100K-ECL interfaced & buffered
•
Available in 24-pin DIP (600 mil) socket or SMD
FUNCTIONAL DESCRIPTION
The PDU54-series device is a 4-bit digitally programmable delay line. The
delay, TDA, from the input pin (IN) to the output pin (OUT) depends on the
address code (A3-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device, and TD0 is the inherent delay of
the device. The incremental delay is specified by the dash number of the device and can range from
100ps through 3000ps, inclusively. The address is not latched and must remain asserted during normal
operation.
data
delay
devices, inc.
3
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
GND
OUT
N/C
N/C
IN
N/C
VEE
A3
N/C
N/C
A2
A1
VEE
A0
N/C
N/C
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
GND
OUT
N/C
N/C
IN
N/C
VEE
A3
N/C
N/C
A2
A1
VEE
A0
N/C
N/C
PDU54-xx
DIP
PDU54-xxM Military DIP
PDU54-xxC4
SMD
PDU54-xxMC4 Mil SMD
PIN DESCRIPTIONS
IN
Signal Input
OUT Signal Output
A3-A0 Address Bits
VEE
-5 Volts
GND Ground
SERIES SPECIFICATIONS
•
Total programmed delay tolerance: 5% or 40ps,
whichever is greater
•
Inherent delay (TD0): 3.3ns typical
•
Address to input setup (TAIS): 2.9ns
•
Operating temperature: 0
° to 85° C
•
Temperature coefficient: 100PPM/
°C (excludes TD0)
•
Supply voltage VEE: -5VDC ± 0.7V
•
Power Supply Current: -300ma typical (50
Ω to -2V)
•
Minimum pulse width: 3ns or 10% of total delay,
whichever is greater
•
Minimum period: 8ns or 2 x pulse width, whichever
is greater
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental Delay
Per Step (ps)
Total Delay
Change (ns)
PDU54-100
100
± 50
1.50
PDU54-200
200
± 60
3.00
PDU54-250
250
± 60
3.75
PDU54-400
400
± 80
6.00
PDU54-500
500
± 100
7.50
PDU54-750
750
± 100
11.25
PDU54-1000
1000
± 200
15.00
PDU54-1200
1200
± 200
18.00
PDU54-1500
1500
± 200
22.50
PDU54-2000
2000
± 400
30.00
PDU54-2500
2500
± 400
37.50
PDU54-3000
3000
± 500
45.00
NOTE: Any dash number between 100 and 3000
not shown is also available.
TOAX
PWIN
TDA
PWOUT
A3-A0
IN
OUT
Figure 1: Timing Diagram
A i-1
Ai
TAIS
1997 Data Delay Devices
Doc #98004
DATA DELAY DEVICES, INC.
1
3/18/98
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU54

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU540 DIODES-PDU540 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540 DIODES-PDU540 Datasheet
487Kb / 6P
5A ULTRA-FAST RECOVERY RECTIFIER
Rev 4
PDU540-13 DIODES-PDU540-13 Datasheet
143Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER
DS30759 Rev. 2 - 2
PDU540-13 DIODES-PDU540-13 Datasheet
487Kb / 6P
5A ULTRA-FAST RECOVERY RECTIFIER
Rev 4
PDU540 DIODES-PDU540_15 Datasheet
128Kb / 4P
5A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
More results

Similar Description - PDU54

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
MDU13H DATADELAY-MDU13H Datasheet
35Kb / 4P
TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU1032H DATADELAY-PDU1032H Datasheet
260Kb / 5P
5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
5-TAP, ECL-INTERFACED FIXED DELAY LINE
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com