Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCD2-SCD-1.SP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KCD2-SCD-1.SP
Description  SMART Current Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-SCD-1.SP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KCD2-SCD-1.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-SCD-1.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-SCD-1.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Power consumption
≤ 700 mW
Input
Connection side
control side
Connection
terminals 5-, 6+
Input signal
4 ... 20 mA , limited to approx. 26 mA
Input voltage
open loop voltage of the control system < 30 V
Voltage drop
approx. 6 V at 20 mA
Input resistance
> 100 kΩ, with field wiring open
Output
Connection side
field side
Connection
terminals 1+, 2-
Voltage
≥ 18 V at 20 mA
Current
4 ... 20 mA
Load
0 ... 900 Ω
Ripple
20 mV rms
Transfer characteristics
Deviation
at 20 °C (68 °F), 4 ... 20 mA
< 0.1 % of full scale, incl. non-linearity and hysteresis
Influence of ambient temperature
< 2 µA/K (-20 ... 70 °C (-4 ... 158 °F)); < 4 µA/K (-40 ... -20 °C (-40 ... -4 °F))
Frequency range
bandwidth at 0.5 Vss signal 0 ... 3 kHz (-3 dB)
Rise time
10 to 90 % ≤ 10 ms
Galvanic isolation
Input/Output
basic insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Input/power supply
basic insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Output/power supply
reinforced insulation according to IEC/EN 61010-1, rated insulation voltage 300 Veff
Indicators/settings
Display elements
LED
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2017
EN 61326-3-2:2018
Degree of protection
IEC 60529
Ambient conditions
Ambient temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Degree of protection
IP20
Connection
spring terminals
Mass
approx. 100 g
Dimensions
12.5 x 124 x 114 mm (0.5 x 4.9 x 4.5 inch) (W x H x D) , housing type A2
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
SMART Current Driver
KCD2-SCD-1.SP
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com