Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCD2-ST-2.SP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KCD2-ST-2.SP
Description  Switch Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-ST-2.SP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KCD2-ST-2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Input
Connection side
field side
Connection
terminals 1+, 2-; 3+, 4-
Rated values
acc. to EN 60947-5-6 (NAMUR)
Open circuit voltage/short-circuit current
approx. 10 V DC / approx. 8 mA
Switching point/switching hysteresis
1.2 ... 2.1 mA / approx. 0.2 mA
Line fault detection
breakage I ≤ 0.1 mA , short-circuit I ≥ 6.5 mA
Pulse/Pause ratio
min. 100 µs / min. 100 µs
Output
Connection side
control side
Connection
terminals 5, 6
Rated voltage
Ur
30 V DC
Rated current
Ir
50 mA
Response time
≤ 200 µs
Signal level
1-signal: (supply voltage) - 3 V max. for 50 mA
0-signal: blocked output (off-state current ≤ 10 µA)
Output I
signal ; Transistor
Output II
signal ; Transistor
Collective error message
Power Rail
Transfer characteristics
Switching frequency
≤ 5 kHz
Galvanic isolation
Input/Output
reinforced insulation acc. to EN 50178, rated insulation voltage 300 Veff
Input/power supply
reinforced insulation acc. to EN 50178, rated insulation voltage 300 Veff
Output/power supply
not available , common pole terminal 9+
Output/Output
not available , common pole terminal 9+
Indicators/settings
Display elements
LEDs
Control elements
DIP switch
Configuration
via DIP switches
Labeling
space for labeling at the front
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2011
Degree of protection
IEC 60529:2001
Protection against electrical shock
IEC 61010-1:2010
Input
EN 60947-5-6:2000
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
extended ambient temperature range up to 70 °C (158 °F), refer to manual for
necessary mounting conditions
Mechanical specifications
Degree of protection
IP20
Connection
spring terminals
Mass
approx. 100 g
Dimensions
12.5 x 119 x 114 mm (0.5 x 4.7 x 4.5 inch) (W x H x D) , housing type A2
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Switch Amplifier
KCD2-ST-2.SP
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com