Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTC080N120SC1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTC080N120SC1
Description  MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTC080N120SC1 Datasheet(HTML) 2 Page - ON Semiconductor

  NTC080N120SC1 Datasheet HTML 1Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 2Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 3Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 4Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 5Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 6Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 7Page - ON Semiconductor NTC080N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© Semiconductor Components Industries, LLC, 2018
June, 2020 − Rev. 0
1
Publication Order Number:
NTC080N120SC1/D
MOSFET – N‐Channel,
Silicon Carbide
1200 V, 80 mW
NTC080N120SC1
Description
Silicon Carbide (SiC) MOSFET uses a completely new technology
that provide superior switching performance and higher reliability
compared to Silicon. In addition, the low ON resistance and compact
chip size ensure low capacitance and gate charge. Consequently,
system benefits include highest efficiency, faster operation frequency,
increased power density, reduced EMI, and reduced system size.
Features
• 1200 V @ TJ= 175°C
• Typ RDS(on) = 80 mW at VGS = 20 V, ID = 20 A
• High Speed Switching with Low Capacitance
• 100% UIL Tested
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Industrial Motor Drive
• UPS
• Boost Inverter
• PV Charger
www.onsemi.com
DIE DIAGRAM
Die Information
S Wafer Diameter
6 inch
S Die Size
2,900 x 2,900 mm
⋅ Top
Ti/TiN/Al
5 mm
⋅ Back
Ti/V/Ni/Ag
S Die Thickness
Typ. 200 mm
S Metallization
S Gate Pad Size
632 x 242.5 mm
S1
S2
G
D
S
G
V(BR)DSS
RDS(on) MAX
ID MAX
1200 V
110 mW @ 20 V
31 A
N−CHANNEL MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com