Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADK21 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # MADK21
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MADK21 Datasheet(HTML) 2 Page - Polyfet RF Devices

  MADK21 Datasheet HTML 1Page - Polyfet RF Devices MADK21 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MADK21
MADK21 F=88MHz Vds=12.5Vdc
VAGC=5V
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9 10
Pin in MilliWatts
28.0
28.2
28.4
28.6
28.8
29.0
29.2
29.4
29.6
29.8
30.0
Pout
Gain
MADK21 F=30MHz Vds=12.5Vdc
VAGC=5V
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9 10
Pin in MilliWatts
28.0
29.0
30.0
31.0
32.0
Pout
Gain
Efficiency @ 5W =36%
MADK21 F=50MHz Vds=12.5Vdc Pin=5mW
0
1
2
3
4
5
6
7
8
9
2.0 2.5
3.0 3.5 4.0
4.5
5.0
5.5 6.0
VAGC
0
5
10
15
20
25
30
35
Pout
Gain
MADK21 F=30MHz Vds=12.5Vdc VAGC=5V
0
1
2
3
4
5
6
7
8
9
10
11
2.0 2.5
3.0 3.5 4.0 4.5
5.0 5.5 6.0
VAGC
0
5
10
15
20
25
30
35
Pout
Gain
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION 01/17/2006
MADK21 Harmonics Vds=12.5Vdc
Pout=5W
-40
-35
-30
-25
-20
-15
-10
-5
0
30
40
50
60
70
80
90
FREQ Mhz
2nd Harm
3rd Harm
MADK21 F=88MHz Vds=12.5Vdc Pin=5mW
0
1
2
3
4
5
6
7
8
2.0 2.5
3.0 3.5 4.0 4.5 5.0 5.5 6.0
VAGC
0
5
10
15
20
25
30
35
Pout
Gain



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com