Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADQ01 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # MADQ01
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MADQ01 Datasheet(HTML) 2 Page - Polyfet RF Devices

  MADQ01 Datasheet HTML 1Page - Polyfet RF Devices MADQ01 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MADQ01
MADQO1 F=215MHz Vds=28Vdc
0
4
8
12
16
20
24
0
2
4
6
8 10 12 14 16 18 20
Pin in MilliWatts
30.0
30.5
31.0
31.5
32.0
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MADQ01 F=30MHz Vds=28Vdc
0
4
8
12
16
20
24
28
32
0
2
4
6
8 10 12 14 16 18 20
Pin in MilliWatts
29
30
31
32
33
34
35
36
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MADQ01 F=30MHz Vds=28Vdc
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
2
3
4
5
6
7
VAGC
0
5
10
15
20
25
30
35
Pout
Gain
Pin=+13dBm
MADQ01 F=470MHz Vds=28Vdc
0
4
8
12
16
20
24
28
0
2
4
6
8 10 12 14 16 18 20
Pin in MilliWatts
31
32
33
34
Efficiency@12W=15.5%
Pout
Gain
VAGC=8V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION 01/17/2006
MADQ01 F=470MHz Vds=28Vdc
0
4
8
12
16
20
24
28
32
2
3
4
5
6
7
VAGC
0
5
10
15
20
25
30
Pout
Gain
Pin=+13dBm
MADQO1 F=215 MHz Vds=28Vdc
0
2
4
6
8
10
12
14
16
18
20
22
2
3
4
5
6
7
VAGC
0
5
10
15
20
25
30
35
Pout
Gain
Pin=+13dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com