Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADQ02 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # MADQ02
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MADQ02 Datasheet(HTML) 2 Page - Polyfet RF Devices

  MADQ02 Datasheet HTML 1Page - Polyfet RF Devices MADQ02 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MADQ02
MADQ02 F=250MHz Vds=28Vdc
0
4
8
12
16
20
24
0
5
10
15
20
25
Pin in MilliWatts
29.0
29.5
30.0
30.5
31.0
31.5
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MADQ02 F=30MHz Vds=28Vdc
0
4
8
12
16
20
24
28
0
2
4
6
8
10 12
14
16
Pin in MilliWatts
31
32
33
34
35
36
37
Efficiency@15W=20%
Pout
Gain
VAGC=8V
MADQ02 F=30MHz Vds=28Vdc
0
4
8
12
16
20
24
28
32
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VAGC
0
4
8
12
16
20
24
28
32
Pout
Gain
Pin=+14dBm
MADQ02 F=512MHz Vds=28Vdc
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
Pin in MilliWatts
28.5
29.0
29.5
30.0
30.5
31.0
Efficiency@15W=19%
Pout
Gain
VAGC=8V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION 01/17/2006
MADQ02 F=512MHz Vds=28Vdc
0
4
8
12
16
20
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VAGC
0
5
10
15
20
25
30
Pout
Gain
Pin=+14dBm
MADQ02 F=250 MHz Vds=28Vdc
0
2
4
6
8
10
12
14
16
18
20
22
24
3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
VAGC
0
5
10
15
20
25
30
Pout
Gain
Pin=+14dBm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com