Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLWE150 Datasheet(PDF) 2 Page - IOGEAR

Part # GPLWE150
Description  Powerline Wireless Extender
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GPLWE150 Datasheet(HTML) 2 Page - IOGEAR

  GPLWE150 Datasheet HTML 1Page - IOGEAR GPLWE150 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
For Internet Access:
Cable or DSL
Modem
Router
Subscription
with an
Internet
Service
Provider (ISP)
For Powerline
Network:
2 standard
power outlets
2 or more
Powerline
adapters
Package Contents
1 x GPLWE150
Wireless Extender
1 x Ethernet Cable
(5ft)
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GPLWE150
Operating Temperature
32~104ºF (0~40ºC)
Storage Temperature
14~158ºF (-10~70ºC)
Humidity
10~90% maximum (non-condensing)
Housing
Case
Plastic
Power
Voltage
100~240V @ 50/60Hz internal
Security
64/128-bit TKIP, AES, WEP, WPA, WPA2
Network Interface
10/100 Base-T with RJ45 port (LAN)
Operating Range
Wireless: Up to 100m indoor, up to 280m
outdoor
Frequency Band
2.4GHz~2.497GHz ISM Band, DSSS
PHY Data Rate
Wireless: Up to 150Mbps; Wired: Up to
200Mbps
Dimensions
GPLWE150
Unit Dimensions
Height
3.31" (8.41cm)
Depth
1.88" (4.76cm)
Length
2.13" (5.40cm)
Unit Package Dimensions
Width
3.44" (8.73cm)
Height
5.875" (14.92cm)
Depth
3.25" (8.25cm)
Master Carton
Width
10.187" (25.87cm)
Height
7.437" (18.89cm)
Depth
6.125" (15.56cm)
Master Carton Qty.
6
Weight
Master Carton Wt.
3.75lb (1.70kg)
Unit Pack Wt.
.55lb (.26kg)
Unit Wt.
.20lb (.08kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com