Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUCE61AC Datasheet(PDF) 2 Page - IOGEAR

Part # GUCE61AC
Description  Optional Power Adapter for GUCE61
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUCE61AC Datasheet(HTML) 2 Page - IOGEAR

  GUCE61AC Datasheet HTML 1Page - IOGEAR GUCE61AC Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
GUCE61
Package Contents
1 x GUCE61AC Power Adapter
Specifications
Function
GUCE61AC
Power
Voltage
5V
Amps
2.0A
Operating Temperature
20 to 50 degrees (Celsius)
Storage Temperature
0 to 70 degrees (Celsius)
Dimensions
GUCE61AC
Unit Dimensions
Width
2.75 in.
Height
1.25 in.
Depth
2.75 in.
Unit Package Dimensions
Width
3.375 in.
Height
3.625 in.
Depth
1.375 in.
Weight
Unit Wt.
o.25 lb.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com