Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB14N-600-R-6102 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VB14N-600-R-6102
Description  Barcode scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB14N-600-R-6102 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VB14N-600-R-6102 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB14N-600-R-6102 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB14N-600-R-6102 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB14N-600-R-6102 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB14N-600-R-6102 Datasheet HTML 5Page - Pepperl+Fuchs Inc. VB14N-600-R-6102 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
READY
GOOD
TRIGGER
COM
mode
STATUS
auto setup
auto learn
test mode
exit
M4
84
4
14.7
Technical Data
General specifications
Light source
laser diode
Light type
modulated visible red light
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
2
Wave length
650 nm
Beam divergence
< 1.5 mrad
Pulse length
1.5 ms
Repetition rate
200 Hz
max. pulse energy
3.26 µJ
Scan rate
600 ... 1000 s-1
Read distance
190 ... 600 mm
Grid
35 mm at 600 mm
Angle of divergence
50 °
Optical face
lateral (angle 102°)
Resolution
0.35 mm ( 14 mils )
Indicators/operating means
Operation indicator
LED blue: Power on, LED green: Ready to read (READY), LED green: Read
successfully (GOOD), LED yellow: External trigger signal pending (TRIGGER), LED
yellow: Communication active (COM), LED red: "no read" (STATUS)
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Barcode scanner
VB14N-600-R-6102
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com