Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5150 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5150
Description  IEC Appliance Inlet C14 with High Frequency Filter, X2Y Technology, ECO design, Front- or Rear Side Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5150 Datasheet(HTML) 1 Page - Schurter Inc.

  5150_V01 Datasheet HTML 1Page - Schurter Inc. 5150_V01 Datasheet HTML 2Page - Schurter Inc. 5150_V01 Datasheet HTML 3Page - Schurter Inc. 5150_V01 Datasheet HTML 4Page - Schurter Inc. 5150_V01 Datasheet HTML 5Page - Schurter Inc. 5150_V01 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Power Entry Modules with Line Filter
5150
https://www.schurter.com /PG06
EMC Products
IEC Appliance Inlet C14 with High Frequency Filter, X2Y Technology, ECO design, Front- or Rear Side
Mounting
Screw or rivet fastening
from front or rear side
Screw-on mounting from rear side
(integrated thread)
See below:
Approvals and Compliances
C14
70° C
Description
- Panel mount :
Screw-on version from front or rear side
- 2 Functions :
Appliance Inlet , High frequency line filter as standard, industrial and
medical version , Protection class I
- Quick connect terminals 6.3 x 0.8 mm
Unique Selling Proposition
- Filter for highest frequencies
- X2Y® Technology
- Double shielding for best filter performance
- Metal flange for optimal shielding
Characteristics
- Very compact filter for frequencies up to 1 GHz
Patented X2Y Technologie for broadband high frequency filtering
- Double shielding for best filter performance
One single filter design for the given current range
- Designed for standard, industrial and medical applications
Suitable for assembly in metal plated plastic housings
- Suitable for use in medical equipment according to IEC/UL 60601-1
For applications according IEC/UL 62368-1 we recommend variants
with bleed resistor
Other versions on request
- Solder terminals
- Variant with notch for V-Lock mating Cordsets
References
This type is Phase-out without alternate type
Last order date: 15.12.2018
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Newly available variants corresponding to V-Lock mating cordset. The connector is equipped with a notch intended for use with the latching cordset.
The cord latching system prevents against accidental removal of the cordset.
Technical Data
Ratings IEC
10 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
15 A @ Ta 40 °C / 250 VAC; 60 Hz
Leakage Current
standard < 0.5 mA (250 V / 60 Hz)
medical < 43/80 µA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Tempe-
rature
-25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
IP-Protection
from front side IP40 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminals 6.3 x 0.8 mm
Panel Thickness S
Screw: max 8 mm
Mounting screw torque max 0.5 Nm
Material: Housing
Themoplast / steel tin-plated, black /
metallic, UL 94V-0
Appliance inlet/-outlet
C14 acc. to IEC 60320-1,
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class I
Line Filter
Standard, medical and industrial ver-
sion, IEC 60939, UL 1283, CSA C22.2
no. 8
Technical Details
MTBF
> 3'300'000 h acc. to MIL-HB-217 F
Approvals and Compliances


Similar Part No. - 5150_V01

ManufacturerPart #DatasheetDescription
logo
Star Asia, U.S.A., LLC ...
51500 TITAN-US-51500 Datasheet
538Kb / 1P
AUTOMOTIVE SPECIALTY TOOLS
logo
Murata Manufacturing Co...
51504C MURATA-51504C Datasheet
144Kb / 3P
Common Mode Chokes
51505C MURATA-51505C Datasheet
144Kb / 3P
Common Mode Chokes
logo
Ohmite Mfg. Co.
5150A OHMITE-5150A Datasheet
143Kb / 1P
Rheostat and Tap Switch Hardware
5150E OHMITE-5150E Datasheet
143Kb / 1P
Rheostat and Tap Switch Hardware
More results

Similar Description - 5150_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5120 SCHURTER-5120 Datasheet
881Kb / 6P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5150 SCHURTER-5150 Datasheet
688Kb / 4P
IEC Appliance Inlet C14 with High Frequency Filter, X2Y Technology, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_18 Datasheet
1,009Kb / 11P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5123 SCHURTER-5123 Datasheet
1Mb / 9P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5123 SCHURTER-5123_V01 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
5123 SCHURTER-5123_V02 Datasheet
1Mb / 10P
IEC Appliance Inlet C14 or C18 with Filter, high attenuation, ECO design, Front- or Rear Side Mounting
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com