Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGOUTLETCVR Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # HGOUTLETCVR
Description  Hospital-Grade Outlet Covers for Wall Receptacles, Power Strips and Surge Protectors, Set of 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

HGOUTLETCVR Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  HGOUTLETCVR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved HGOUTLETCVR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Hospital-Grade Outlet Covers for Wall
Receptacles, Power Strips and Surge Protectors,
Set of 4
MODEL NUMBER: HGOUTLETCVR
Insert into wall outlets or power strips and lock into place to prevent the connection of unauthorized
devices.
Features
Reusable Covers Protect Unused Outlets Against Unauthorized Access
This set of four hospital-grade outlet covers are safe, easy and convenient to use. These covers meet
healthcare agency requirements. They are also recommended for childproofing your home to prevent
children from accessing electrical outlets.
Nearly Impossible to Remove Without a Tool
The HGOUTLETCVR outlet covers are easy to insert into an AC wall receptacle, power strip or surge
protector. Just push the cover and the included nylon screw into the outlet to lock it tight. Each cover is
designed for repeated use. To remove, use a Phillips-head screwdriver to remove the locking screw.
Compatible with Tripp Lite Power Strips and Surge Protectors
These removable covers protect most standard home and office wall outlets, as well as PS-415-
HGULTRA, SPS415HGULTRA, PS-410-HGOEMCC, PS-415-HG-OEM, PS-615-HG-OEM,
PS410HGOEMX, PS-415-HG, PS-602-HG, PS-606-HG, PS-615-HG, RS1215-HG, ISOBAR6ULTRAHG,
SPS-615-HG, SPS606HGRA, SPS610HGRA and other power strips with NEMA 5-15R-HG and NEMA 5-
15R outlets.
Highlights
Removable covers are designed
for repeated use in NEMA 5-
15R outlets
q
Ideal for childproofing your
home’s wall outlets when
properly installed
q
Self-locking feature allows easy
installation with no tools
required
q
Requires Phillips screwdriver for
removal to ensure optimal
security
q
Set includes 4 outlet covers and
nylon screws to lock covers into
place
q
Applications
Protect NEMA 5-15R or NEMA 5-
15R-HG outlets against
unauthorized access or connection
of unauthorized equipment
System Requirements
Any NEMA 5-15R-HG and NEMA
5-15R outlets, including wall
receptacles and hospital-grade
power strips and surge protectors
Package Includes
(4) Outlet covers
q
Instruction sheet
q
OVERVIEW
UPC Code
037332175991
PHYSICAL
Antimicrobial Coating
Yes
Shipping Dimensions (hwd / cm)
2.03 x 11.99 x 14.02
Shipping Dimensions (hwd / in.)
0.80 x 4.72 x 5.52
1 / 2


Similar Description - HGOUTLETCVR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
NEMA-5-1 ADAM-TECH-NEMA-5-1 Datasheet
110Kb / 1P
POWER OUTLET NEMA RECEPTACLES
logo
Qualtek Electronics Cor...
233002-06 QUALTEK-233002-06 Datasheet
178Kb / 1P
POWER CORD HOSPITAL GRADE
logo
List of Unclassifed Man...
PS-606-HG ETC2-PS-606-HG Datasheet
476Kb / 4P
NOT For Patient Areas - 6-outlet Power Strip with Hospital-Grade Plug & Receptacles & 6-ft. Cord
PS-615-HG ETC2-PS-615-HG Datasheet
477Kb / 4P
NOT For Patient Areas - 6-outlet Power Strip with Hospital-Grade Plug & Receptacles & 15-ft. Cord
ISOBAR6ULTRAHG ETC2-ISOBAR6ULTRAHG Datasheet
515Kb / 5P
Isobar Hospital Surge Protector with 6 Hospital-Grade Outlets and All-Metal Housing
PS-415-HG ETC2-PS-415-HG Datasheet
481Kb / 4P
NOT For Patient Areas - 4-outlet Power Strip with Hospital-Grade Plug & Receptacles
SPS-615-HG ETC2-SPS-615-HG Datasheet
495Kb / 4P
Commercial-Grade Surge Suppressor with Hospital-Grade plug and receptacles; diagnostic
SR10N ETC2-SR10N Datasheet
225Kb / 4P
High Performance and Computer Grade Point-of-Use Surge Protectors
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
logo
List of Unclassifed Man...
4950-PS ETC-4950-PS Datasheet
93Kb / 2P
Computer Grade Surge Protective Plug Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com