Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBR12 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # IBR12
Description  Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

IBR12 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  IBR12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
12 Outlets Accept Wide Range of Electronic Devices
12 NEMA 5-15R AC outlets accept most computer, networking and telecom equipment
q
Isolated Filter Banks Provide Extra Protection
Outlets arranged in 2 exclusive isolated filter banks to limit noise interaction among connected
equipment
q
Block disruptive EMI/RFI line noise that can cause equipment damage or data loss
q
Black outlets provide basic protection for less sensitive equipment
q
White outlets provide highest level of protection (up to 80 dB) for more sensitive equipment
q
Premium Safety Features
Lighted on/off switch with locking cover provides one-touch control over connected equipment
q
Diagnostic LEDs confirm power, protection and line fault status at a glance
q
Conforms to current UL 1449 3rd Edition safety standards
q
Flexible Mounting Options
Mounts into 1U of space in EIA-standard 19 in. racks
q
Included mounting hardware also allows installation on wall or under counter
q
Long 15 ft. AC power cord with NEMA 5-15P plug reaches distant outlets
q
All-metal housing designed for long life
q
Backed by Tripp Lite's Ultimate Lifetime Insurance
$25,000 Ultimate Lifetime Insurance covers any connected components damaged by power surge
(U.S., Canada and Puerto Rico only)
q
OVERVIEW
UPC Code
037332010162
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input Cord Gauge (AWG)
14
Voltage Compatibility (VAC)
120
Maximum Surge Amps
150000
Input Plug Type
NEMA 5-15P
Input Cord Details
SJT
Input Cord Length (ft.)
15
Right-Angle Plug
No
Input Cord Length (m)
4.57
Integrated Cord Clip
No
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com