Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPDVIW6 Datasheet(PDF) 2 Page - IOGEAR

Part # GDPDVIW6
Description  DisplayPort to DVI Adapter Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPDVIW6 Datasheet(HTML) 2 Page - IOGEAR

  GDPDVIW6 Datasheet HTML 1Page - IOGEAR GDPDVIW6 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Input
1 x Display Port Source
Output
1 x Projector or Display with DVI Port
Package Contents
1 x DisplayPort to DVI Adapter Cable
Specifications
Function
GDPDVIW6
Dimensions
GDPDVIW6
Unit Dimensions
Height
1.77" (4.5 cm)
Length
7.28" (18.49 cm)
Depth
0.59" (1.50 cm)
Inner Pack
Height
9.4" (23.88 cm)
Length
4.3" (10.92 cm)
Width
8.7" (22.1 cm)
Inner Pack Qty.
12
Unit Package Dimensions
Height
10.4" (26.42 cm)
Width
3.9" (9.91 cm)
Depth
5.9" (14.99 cm)
Master Carton
Height
18.5" (46.99 cm)
Width
10.4" (26.42 cm)
Depth
9.6" (24.38 cm)
Master Carton Qty.
48
Weight
Master Carton Wt.
5.5 lbs (2.49 kg)
Inner Pack Wt.
1.25 lb (0.57 kg)
Unit Pack Wt.
0.1 lb (0.05 kg)
Unit Wt.
0.05 lb (0.02 kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com