Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K115D004HP Datasheet(PDF) 3 Page - Schneider Electric

Part # K115D004HP
Description  cam switch - 4-pole - 90째 - 115 A - screw mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

K115D004HP Datasheet(HTML) 3 Page - Schneider Electric

  K115D004HP Datasheet HTML 1Page - Schneider Electric K115D004HP Datasheet HTML 2Page - Schneider Electric K115D004HP Datasheet HTML 3Page - Schneider Electric K115D004HP Datasheet HTML 4Page - Schneider Electric K115D004HP Datasheet HTML 5Page - Schneider Electric K115D004HP Datasheet HTML 6Page - Schneider Electric K115D004HP Datasheet HTML 7Page - Schneider Electric K115D004HP Datasheet HTML 8Page - Schneider Electric K115D004HP Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Package 1 Height
3.86 in (9.8 cm)
Package 1 width
3.86 in (9.8 cm)
Package 1 Length
9.25 in (23.5 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
5
Package 2 Weight
10.94 lb(US) (4.964 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
Feb 3, 2022
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com