Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMMCX013 Datasheet(PDF) 2 Page - Linx Technologies

Part # CONMMCX013
Description  MMCX Jack PCB Cutout Edge Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONMMCX013 Datasheet(HTML) 2 Page - Linx Technologies

  CONMMCX013 Datasheet HTML 1Page - Linx Technologies CONMMCX013 Datasheet HTML 2Page - Linx Technologies CONMMCX013 Datasheet HTML 3Page - Linx Technologies CONMMCX013 Datasheet HTML 4Page - Linx Technologies CONMMCX013 Datasheet HTML 5Page - Linx Technologies CONMMCX013 Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONMMCX013
Product Dimensions
7.5 mm
(0.30 in)
4.5 mm
(0.18 in)
3.5 mm
(0.14 in)
1.4 mm
(0.06 in)
0.6 mm
(0.02 in)
0.4 mm
(0.01 in)
Ø4.5 mm
(0.18 in)
Ø2.7 mm
(0.11 in)
Ø0.8 mm
(0.03 in)
3.4 mm
(0.13 in)
1.1 mm
(0.04 in)
0.8 mm
(0.03 in)
9.2 mm
(0.36 in)
4.5 mm
(0.18 in)
3.9 mm
(0.15 in)
4.6 mm
(0.18 in)
3.5 mm
(0.14 in)
9.2mm
0.36in
4.6mm
0.18in
3.5mm
0.14in
1.1mm
0.04in
3.9mm
0.15in
0.8mm
0.03in
PCB
Figure 1. Product Dimensions for the CONMMCX013 Connector
Connector Components
CONMMCX013
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact (male pin)
Berylium Copper
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the recommended PCB footprint and PCB cutout dimensions.
7.5 mm
(0.30 in)
4.5 mm
(0.18 in)
3.5 mm
(0.14 in)
1.4 mm
(0.06 in)
0.6 mm
(0.02 in)
0.4 mm
(0.01 in)
Ø4.5 mm
(0.18 in)
Ø2.7 mm
(0.11 in)
Ø0.8 mm
(0.03 in)
3.4 mm
(0.13 in)
1.1 mm
(0.04 in)
0.8 mm
(0.03 in)
9.2 mm
(0.36 in)
4.5 mm
(0.18 in)
3.9 mm
(0.15 in)
4.6 mm
(0.18 in)
3.5 mm
(0.14 in)
9.2mm
0.36in
4.6mm
0.18in
3.5mm
0.14in
1.1mm
0.04in
3.9mm
0.15in
0.8mm
0.03in
PCB
Figure 2. Recommended PCB Footprint for the CONMMCX013 Connector
Mechanical Specifications
CONMMCX013
Mounting Type
PCB board edge
Fastening Type
Snap-on coupling
Interface in Accordance with
BS EN 122340
Connector Durability
500 cycles min.
Weight
0.4 g (0.01 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com