Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC4001 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KBPC4001
Description  CURRENT 40.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC4001 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBPC4001 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC4001 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBPC40005/W THRU KBPC4010/W
0.01
0.1
1.0
10
100
0
0.4
0.8
1.0
1.6 1.8
0.6
0.2
1.2
1.4
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F ig. 2 Typical F orward C haracteristics (per element)
F
T = 25 C
j
P ulse Width = 300 s
0
100
200
300
400
1
10
100
NUMB E R OF C Y
C LE S
AT 60 Hz
F ig. 3 Maximum Non-R epetitive S urge C urrent
S ingle Half-S ine Wave
(J E DE C Method)
T = 150 C
j
0.1
1.0
10
40
0
60
80
100
120
140
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (%
)
F ig. 4 Typical R everse C haracteristics (per element)
0.01
20
T = 25°C
j
T = 100 C
j
0
10
20
0
25
50
75
100
125
150
T , C AS E T E MP E R AT UR E ( C )
F ig. 1 F orward. C urrent Derating C urve.
C
R esistive or
Inductive load
Mounted on a
220 x 220 x 50mm
AL plate heatsink
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com