Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN005 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN005
Description  N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN005 Datasheet(HTML) 1 Page - Linx Technologies

  CONN005 Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
SHEET 1 OF 1
LDCFDLT_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
REVISIONS
REV
DESCRIPTION
DATE
APPV
B
SAH
B
12-JUL-12
B.MURPHY
S.HOGAN
12-JUL-12
Added New Title Block
12-JUL-12
CONN005
N FEMALE BULKHEAD MOUNT
CABLE END CRIMP FOR RG174 CABLE
Description
Material
Finish
Body
Socket
Insulation
Nickel
N/A
Gold
PTFE
Washer
Nickel
Brass
Crimp Ring
Nickel
Brass
O Ring
Rubber
SI Rubber
Nut
Nickel
Brass
Brass
Brass
0.177
(4.50)
0.217
(5.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.335
(8.50)
RG-174 Cable
0.371
(9.50)
Ø0.154
(3.90)
CRIMP RING
RECOMMENDED
MOUNTING HOLE
Ø0.634
(16.10)
0.571
(14.50)
5/8-24UNEF-2A THREADS
SIDE VIEW
0.531
(13.50)
0.102
(2.60)
FLAT 0.528 x2
(13.40)
0.929
(23.60)
0.276
(7.00)
0.276
(7.00)
0.374
(9.50)
1.421
(36.10)
H0.504
(12.80)
0.862
(21.90)
1. Insert the cable center conductor and insulation into the base
2. Solder the socket to the center conductor.
3. Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
4. Put the socket through the insulator.
5. Screw the base into the top.
CONN005 ASSEMBLY INSTRUCTIONS
0.110
(2.80)
5/8-24UNEF-2B
THREADS
H19
NUT
Ø0.866
(22.00)
0.020
(0.50)
WASHER
TOP
INSULATOR
SOCKET
BASE
CABLE
Solder


Similar Part No. - CONN005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
More results

Similar Description - CONN005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX005 ETC2-CONREVMCX005 Datasheet
172Kb / 1P
RP-MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com