Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN007-R58 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN007-R58
Description  N MALE CABLE END CRIMP FOR RG58 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN007-R58 Datasheet(HTML) 1 Page - Linx Technologies

  CONN007-R58 Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
SHEET 1 OF 1
LDCFDLT_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
REVISIONS
REV
DESCRIPTION
DATE
APPV
B
SAH
B
12-JUL-12
B.MURPHY
S.HOGAN
12-JUL-12
Added New Title Block
12-JUL-12
CONN007-R58
N MALE CABLE END CRIMP
FOR RG58 CABLE
Description
Material
Finish
Body
Pin
Insulation
Nickel
N/A
Gold
PTFE
Crimp Ring
Nickel
Brass
Brass
Brass
0.276
(7.00)
0.094
(2.40)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-58 Cable
1. Solder the socket to the center conductor.
2. Insert the socket, center conductor, and insulator into the body.
3. Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool labeled for use with RG-58 cable.
CONN007-R58 ASSEMBLY INSTRUCTIONS
0.500
(12.70)
Ø0.256
(6.50)
CRIMP RING
0.689
(17.50)
0.083
(2.10)
PIN
5/8-24UNEF-2B THREADS
SIDE VIEW
0.803
(20.40)
0.287
(7.30)
0.661
(16.80)
0.177
(4.50)
1.106
(28.10)


Similar Part No. - CONN007-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONN007-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA012-R58 ETC2-CONREVSMA012-R58 Datasheet
152Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN012-R58 LINX-CONN012-R58 Datasheet
253Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com