Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN007 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN007
Description  N MALE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN007 Datasheet(HTML) 1 Page - Linx Technologies

  CONN007 Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
SHEET 1 OF 1
LDCFDLT_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
REVISIONS
REV
DESCRIPTION
DATE
APPV
B
SAH
B
12-JUL-12
B.MURPHY
S.HOGAN
12-JUL-12
Added New Title Block
12-JUL-12
CONN007
N MALE CABLE END CRIMP
FOR RG174 CABLE
Description
Material
Finish
Body
Pin
Insulation
Nickel
N/A
Gold
PTFE
Crimp Ring
Nickel
Brass
Brass
Brass
0.197
(5.00)
0.276
(7.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.189
(4.80)
RG-174 Cable
1. Solder the socket to the center conductor.
2. Insert the socket, center conductor, and insulator into the body.
3. Wrap the braid around the tail of the body and crimp the ring with a
0.137" hex crimp tool (or one labeled for use with RG-174 cable)
CONN007 ASSEMBLY INSTRUCTIONS
0.276
(7.00)
Ø0.154
(3.90)
CRIMP RING
0.713
(18.10)
0.118
(3.00)
PIN
5/8-24UNEF-2B THREADS
SIDE VIEW
0.803
(20.40)
0.102
(2.60)
FLAT 0.626 x2
(15.90)
0.677
(17.20)
0.236
(6.00)
0.197
(5.00)
0.343
(8.70)
0.661
(16.80)
H0.374
(9.50)
1.339
(34.00)


Similar Part No. - CONN007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN007-1-W LINX-CONN007-1-W Datasheet
455Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-2-W LINX-CONN007-2-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-3-W LINX-CONN007-3-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-4-W LINX-CONN007-4-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
More results

Similar Description - CONN007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007 ETC2-CONREVMCX007 Datasheet
159Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONSMA007 ETC2-CONSMA007 Datasheet
152Kb / 1P
SMA MALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com