Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3680AEAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3680AEAI
Description  3.3V, 622Mbps, SDH/SONET 1:8 Deserializer with TTL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3680AEAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3680AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX3680AEAI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
+3.3V, 622Mbps, SDH/SONET
1:8 Deserializer with TTL Outputs
_______________________________________________________________________________________
3
1.2
0
MAXIMUM SERIAL-CLOCK FREQUENCY
vs. TEMPERATURE
-25
1.1
25
50
1.0
0.9
0.8
75
100
TEMPERATURE (
°C)
1.3
-50
360
0
SERIAL DATA SETUP TIME
vs. TEMPERATURE
-25
320
25
50
280
240
200
75
100
TEMPERATURE (
°C)
400
-50
-160
0
SERIAL DATA HOLD TIME
vs. TEMPERATURE
-25
-220
25
50
-280
-340
-400
75
100
TEMPERATURE (
°C)
-100
-50
60
50
0
SUPPLY CURRENT
vs. TEMPERATURE
-25
40
25
50
30
10
20
0
75
100
TEMPERATURE (
°C)
70
-50
VCC = +3.6V
VCC = +3.0V
VCC = +3.3V
__________________________________________Typical Operating Characteristics
(VCC = +3.0V to +3.6V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com