Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABMB16 Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # SABMB16
Description  4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB16 Datasheet(HTML) 2 Page - Advanced Linear Devices

  SABMB16 Datasheet HTML 1Page - Advanced Linear Devices SABMB16 Datasheet HTML 2Page - Advanced Linear Devices SABMB16 Datasheet HTML 3Page - Advanced Linear Devices SABMB16 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SABMB16/SABMB810025/SABMB910025
Advanced Linear Devices, Inc.
2 of 4
SABMB8100XX/SABMB9100XX
The ALD8100XX/ALD9100XX SAB MOSFET family offers the user
a selection of different threshold voltages for various
supercapacitor nominal voltage values and desired leakage
balancing characteristics. Each SAB MOSFET generally requires
connecting its V+ pin to the most positive voltage and its V- and
IC pins to the most negative voltage within the package. Note
that each Drain pin has an internal reverse biased diode to its
Source pin, and each Gate pin has an internal reverse biased
diode to V-. All other pins must have voltages within V+ and V-
voltage limits within the same package unit.
Standard ESD protection facilities and handling procedures for
static sensitive devices must also be used while installing the
ALD8100XX/ALD9100XX units. Once installed, the connection
configuration will protect the ALD8100XX/ALD9100XX units from
ESD damage. When connected to a supercapacitor stack, the
ALD8100XX/ALD9100XX is further protected from virtually any
ESD damage due to the large capacitance of the supercapacitors,
which sinks any ESD charge and thereby reduces any of the
terminal voltages to minimal harmless values.
SABMB16 PRINTED CIRCUIT BOARDS
The SABMB16 Printed Circuit Board is supplied as a blank PCB
board, made with RoHS compliant FR4 material, ready for
mounting of up to two 8-lead ALD9100XX units or one 16-lead
ALD8100XX unit. These units are also supplied and available with
a 6-digit suffix, which denotes the specific ALD9100XX or
ALD8100XX component mounted and tested on the PCB. All that
is required of the user is to mount the PCB and wire the appropriate
connections from the SABMB16 board to the respective
supercapacitor nodes.
Each SABMB16 Printed Circuit Board has two 8-lead SOIC
footprints, for up to two ALD9100XX units, and a 16-lead SOIC
footprint, for one ALD8100XX, which is parallel connected to the
two ALD9100XX footprints (See schematic diagram). It has
terminals labeled V+, A to E, and V-. Each of these terminals has
two wiring holes for easier connection of the same terminal node
to two external connection points. V+ is directly connected to
terminal A, which must be connected to the most positive voltage
for the individual SABMB16 PCB board. V- is directly connected
to terminal E, which must be connected to the most negative
voltage present for the same SABMB16 board. All other terminals,
namely B, C and D, must have voltages between V+ and V- for
proper operation of the board. When cascade or daisy-chain
connected, each SABMB16 board is self-contained and rated for
15.0V maximum.
When two supercapacitors are installed to be balanced by SAB
MOSFETs, a single ALD9100XX unit can be mounted on either
one of two 8-lead SOIC footprints on the SABMB16. The user
then needs to connect the unused circuit traces to the appropriate
terminals so that V+ and V- remain the most positive voltage and
the most negative voltage for that SABMB16 board, respectively.
For example, if only one ALD9100XX is used for the upper SOIC
footprint, terminal C can be connected to terminal E, or V-. One
convenient way to make this connection on the board is to install
R2 with a value equal to 0Ω or use an external wire.
Any number of SABMB16 boards can be daisy-chain connected
in series. For example, three SABMB16 boards, each with an
ALD810025SCLI installed, can be connected in series to a 30V
power supply, provided care is taken to insure that each SABMB16
board V- is connected to the V+ of the next SABMB16 board in
series, such that each board would not have internal voltages from
V+ to V- exceeding 10V (30V/3 = 10V).
The ALD8100XX/ALD9100XX is rated for reverse bias diode
currents of up to 80mA maximum for each SAB MOSFET on board.
Any reverse bias condition as a result of changing supercapacitor
voltages, especially during fast supercapacitor discharge, could
lead to some internal nodes temporally reverse biased with surge
current in excess of this limit. The SABMB16 board has additional
optional TO277 footprints for mounting external schottky rectifiers
(power diodes) to clamp such current transients. The user is
advised to determine the various power and current limits, including
temperature and heat dissipation considerations, when selecting
a suitable component for such purpose. The appropriate level of
derating and margin allowance must also be added to assure long
term reliability of the PCB board.
SUPERCAPACITORS
Supercapacitors are typically rated with a nominal recommended
working voltage established for long life at their maximum rated
operating temperature. Excessive supercapacitor voltages that
exceed the supercapacitor’s rated voltage for a prolonged time
period will result in reduced operating life and eventual rupture
and catastrophic failure. To prevent such an occurrence, a means
of automatically adjusting (charge-balancing) and monitoring the
maximum voltage is required in most applications having two or
more supercapacitors connected in series, due to the different
internal leakage currents that vary from one supercapacitor to
another.
Each supercapacitor has a tolerance difference in capacitance,
internal resistance and leakage current. These differences create
imbalance in cell voltages, which must be balanced so that any
individual cell voltage does not exceed its rated max. voltage.
Initially, cell voltage imbalance is caused by capacitance value
differences. Supercapacitors selected from the same manufacturer
make and model batch can be measured and matched to deliver
reasonable initial cell voltages. Next, cell voltage imbalance due
to individual cell leakage currents must be compensated.
The supercapacitor leakage current itself is a variable function of
its many parameters such as aging, initial leakage current at zero
input voltage, the material/construction of the supercapacitor, and
the operating bias voltage. Its leakage is also a function of the
charging voltage, the charging current, operating temperature
range and the rate of change of many of these parameters.
Supercapacitor balancing must accommodate these changing
conditions.
By using the appropriate ALD SAB MOSFET and the appropriate
SABMBXX board, users can compensate for all of these causes
of imbalance and automatically balance supercapacitors.
ENERGY HARVESTING APPLICATIONS
Supercapacitors offer an important benefit for energy harvesting
applications from a low energy source, by buffering and storing
such energy to drive a higher power load.
For energy harvesting applications, supercapacitor leakage
currents are a critical factor, as the average energy harvesting
input charge must exceed the average supercapacitor internal
leakage currents in order for any net energy to be harvested and
saved. Often, the input energy is variable, meaning that its input
voltage and current magnitude are not constant and may be
dependent upon a whole set of other parameters such as the
source energy availability, energy sensor conversion efficiency,
changing environmental conditions, etc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com