Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-2BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4099-2BCPZ
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4099-2BCPZ Datasheet HTML 17Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 18Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 19Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 20Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 21Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 22Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 23Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 24Page - Analog Devices ADA4099-2BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
THEORY OF OPERATION
analog.com
Rev. A | 21 of 34
INPUT PROTECTION
The inputs are protected against temporary voltage excursions to
10 V below –VS (see Figure 56) by an internal 250 Ω resistor (see
Figure 55). This resistor limits the current in the series D1 diode
and D2 diode that are tied to the bases of the Q1 and Q2 tran-
sistors, respectively. Adding additional external series resistance
extends the protection to >10 V below −VS, at the cost of stability
and added thermal noise. The input stage of the ADA4099-1 and
ADA4099-2 incorporates phase reversal protection to prevent the
output from phase reversing for inputs below −VS. The ADA4099-1
and ADA4099-2 op amps do not have clamping diodes between
the inputs and can be differentially overdriven up to 80 V without
damage, inducing parametric shifts, or drawing appreciable input
current. Figure 57 summarizes the input fault types that can be
applied to the ADA4099-1 and ADA4099-2 without compromising
input integrity.
Figure 56. ADA4099-1 and ADA4099-2 as Unity-Gain Buffers with
Noninverting Inputs Driven Beyond the Supply (VSY = 5 V)
Figure 57. ADA4099-1 and ADA4099-2 Fault Tolerant Conditions
OVER-THE-TOP OPERATION
CONSIDERATIONS
When the ADA4099-1 and ADA4099-2 input common-modes are
biased near or >+VS supply, the amplifiers operate in the Over-The-
Top configuration. The differential input pair that controls amplifier
operation is the common base pair, Q3 to Q6 (see Figure 55).
Input bias currents change from <±4 nA in normal operation to
approximately 82.5 μA in Over-The-Top operation when the input
stage transitions from common emitter to common base. The Over-
The-Top input bias currents are well matched, and the associated
offset is typically <250 nA. Ensure that the impedance connected to
the inverting and noninverting inputs is well matched to avoid any
input bias current induced voltage offsets.
Differential input impedance, RIN (see Figure 58), decreases from
>100 kΩ in normal operation to ~600 Ω in Over-The-Top operation
(see Table 1 and Table 2).
Figure 58. Difference Amplifier Configured for Normal Operation and Over-
The-Top Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com