Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8107ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8107ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8107ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8107ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8107ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL8107
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 24
The basic connections for operating the ADL8107 over the speci-
fied frequency range are shown in Figure 81. No external biasing
inductor is required, allowing the 5 V supply to be connected
to the VDD pin. It is recommended to use 0.1 µF and 100 pF
power supply decoupling capacitors. The power supply decoupling
capacitors shown in Figure 81 represent the configuration used to
characterize and qualify the ADL8107.
To set IDQ, connect a resistor (R2) between the RBIAS and VDD
pins. A default value of 4.12 kΩ is recommended, which results in
a nominal IDQ of 90 mA. Table 9 shows how the IDQ and IDQ_AMP
varies vs. the RBIAS. The RBIAS pin also draws a current that
varies with the value of RBIAS (see Table 9). Do not leave the
RBIAS pin open.
Correct sequencing of the dc and RF power is required to safely
operate the ADL8107. During power up, apply VDD before the RF
power is applied to RFIN, and during power off, remove the RF
power from RFIN before VDD is powered off.
Figure 81. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
See the ADL8107-EVALZ user guide for the recommended bias
sequencing information.
Table 9. Recommended Bias Resistor Values for VDD = 5 V
RBIAS (kΩ)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
1.74
110
108.06
1.94
2.13
105
103.34
1.66
2.67
100
98.61
1.39
3.32
95
93.84
1.16
4.12
90
89.0
1.0
5.11
85
84.2
0.8
6.57
80
79.36
0.64
8.45
75
74.5
0.5
11.3
70
69.6
0.4
15
65
64.7
0.3
20.8
60
59.78
0.22
29.8
55
54.85
0.15
53
50
49.91
0.09
64.9
45
44.93
0.07
102
40
39.95
0.05
169
35
34.97
0.03
301
30
29.98
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com