Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4099-2HCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4099-2HCPZ
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2HCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4099-2HCPZ Datasheet HTML 1Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 2Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 3Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 4Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 5Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 6Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 7Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 8Page - Analog Devices ADA4099-2HCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
SPECIFICATIONS
analog.com
Rev. A | 3 of 34
5 V SUPPLY
Common-mode voltage (VCM) = 2.5 V, SHDN pin (ADA4099-1) and SHDNx pins (ADA4099-2 10-lead LFCSP) are open, load resistance (RL) =
499 kΩ to midsupply, ambient temperature (TA) = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
Input Offset Voltage (VOS)1
0.25 V < VCM < 3.25 V
±10
±40
±10
±40
µV
Minimum temperature (TMIN) < TA <
maximum temperature (TMAX)
±90
±90
µV
0.25 V < VCM < 70 V
±25
±65
±25
±65
µV
TMIN < TA < TMAX
±125
±140
µV
−0.1 V < VCM < +70 V
±25
±70
±25
±70
µV
TMIN < TA < TMAX
±125
±200
µV
Input Offset Voltage Drift2
TMIN < TA < TMAX
±0.1
±0.4
±0.1
±0.8
µV/°C
Input Bias Current (IB)
±4
±10
±4
±10
nA
TMIN < TA < TMAX
±15
±30
nA
VCM = 70 V, Over-The-Top
70
82.5
98
70
82.5
98
µA
TMIN < TA < TMAX
40
125
40
125
µA
0 V < VCM < 70 V, VSY = 0 V
0.001
10
0.001
10
µA
TMIN < TA < TMAX
25
25
µA
Input Offset Current (IOS)
±2
±4
±2
±4
nA
TMIN < TA < TMAX
±10
±20
nA
VCM = 70 V, Over-The-Top3
±0.5
±2
±0.5
±2
µA
TMIN < TA < TMAX
±5
±5
µA
Common-Mode Rejection Ratio
(CMRR)
VCM = −0.1 V to +70 V
118
136
118
136
dB
TMIN < TA < TMAX
110
108
dB
VCM = 0.25 V to 3.25 V
114
132
114
132
dB
TMIN < TA < TMAX
108
108
dB
Common-Mode Input Range
Guaranteed by CMRR tests
−VS − 0.1
−VS + 70
−VS − 0.1
−VS + 70
V
Large Signal Voltage Gain (AOL)
ΔVOUT = 4 V
126
140
126
140
dB
TMIN < TA < TMAX
116
110
dB
ΔVOUT = 4 V, RL = 10 kΩ
120
130
120
130
dB
TMIN < TA < TMAX
110
102
dB
NOISE PERFORMANCE
Input Voltage Noise
Frequency (f) = 0.1 Hz to 10 Hz
150
150
nV p-p
1/f noise corner
6
6
Hz
f = 100 Hz
7
7
nV/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
8
8
nV/√Hz
Input Current Noise
f = 100 Hz
0.5
0.5
pA/√Hz
Over-The-Top
f = 100 Hz, VCM > 5 V
5
5
pA/√Hz
DYNAMIC PERFORMANCE
Slew Rate
ΔVOUT = 2 V
2.7
4
2.7
4
V/μs
TMIN < TA < TMAX
1.75
1.75
V/μs
Gain Bandwidth Product (GBP)
Test frequency (fTEST) = 25 kHz
7.5
8
7.5
8
MHz
TMIN < TA < TMAX
6.75
6.5
MHz
Phase Margin
47
47
Degrees
1% Settling Time
ΔVOUT = ±2 V
1.15
1.15
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com