Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LU3CAM01 Datasheet(PDF) 2 Page - IOGEAR

Part # G2LU3CAM01
Description  Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LU3CAM01 Datasheet(HTML) 2 Page - IOGEAR

  G2LU3CAM01 Datasheet HTML 1Page - IOGEAR G2LU3CAM01 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
USB-C enabled Devices
USB-A enabled Devices
Package Contents
1x G2LU3CAM01
Specifications
Function
G2LU3CAM01
Cable Length
3.3 ft (1m)
Cable Type
USB 3.1 Gen 2(USB-IF certified)
Connectors
USB
USB-A male to USB-C male
Materials
Cable Jacket
Max Output Power
60W
Dimensions
G2LU3CAM01
Unit Dimensions
Length
3.3 ft (1m)
Inner Pack
Height
22.5 cm
Length
11.5 cm
Width
24 cm
Inner Pack Qty.
12 pcs
Unit Package Dimensions
Height
5 cm (Header card)
Width
10 cm (Header card)
Master Carton
Height
10.2" (26 cm)
Width
18.125" (46 cm)
Depth
10" (25.5 cm)
Master Carton Qty.
48 pcs
Weight
Master Carton Wt.
7.4 lb
Inner Pack Wt.
1.6 lb
Unit Pack Wt.
.15 lb
Unit Wt.
.10 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com