Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LU3CAM02-GY Datasheet(PDF) 2 Page - IOGEAR

Part # G2LU3CAM02-GY
Description  Charge & Sync Pro - USBC to USB-A Cable, 6.5 Ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LU3CAM02-GY Datasheet(HTML) 2 Page - IOGEAR

  G2LU3CAM02-GY Datasheet HTML 1Page - IOGEAR G2LU3CAM02-GY Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
USB-C-Enabled System
Package Contents
1 x G2LU3CAM02-GY
1 x Warranty Card
Specifications
Function
G2LU3CAM02-GY
Cable Length
6.5 ft (2m)
Cable Type
USB 2.0
Connectors
USB
USB Type-C Male to USB Type-A Male
Max Output Power
5V 2.4A
Dimensions
G2LU3CAM02-GY
POP Information
10'' Peg Hook
8
6'' Peg Hook
5
Unit Dimensions
Length
2 m
Inner Pack
Height
2.7 in (7 cm)
Length
7.2 in (18.5 cm)
Width
6.8 in (17.5 cm)
Inner Pack Qty.
6 pc
Unit Package Dimensions
Height
1.1 in (2.8 cm)
Length
7 in (18 cm)
Width
2.3 in (5.9 cm)
Master Carton
Height
6.2 in (16 cm)
Width
7.8 (20 cm)
Depth
14.3 in (36.5 cm)
Master Carton Qty.
24 pc
Weight
Master Carton Wt.
4.8 lbs (2.2 kg)
Inner Pack Wt.
1.03 lbs (0.47 kg)
Unit Pack Wt.
0.15 lbs (0.06 kg)
Unit Wt.
0.10 lbs (0.04 kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com