Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSW7 Datasheet(PDF) 1 Page - Schneider Electric

Part # KSW7
Description  cam for rotary cam switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KSW7 Datasheet(HTML) 1 Page - Schneider Electric

  KSW7 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
cam for rotary cam switch
KSW7
Price* : 48.60 USD
Main
Range of Product
Harmony K
Component name
K2
[Ith] conventional free air
thermal current
20 A
Ordering and shipping details
Category
18406-WORLD SERVICE PARTS(OTHER OP INT)
Discount Schedule
CS2
GTIN
3389110152708
Nbr. of units in pkg.
1
Package weight(Lbs)
0.53 oz (15 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.95 in (7.5 cm)
Package 1 width
0.63 in (1.6 cm)
Package 1 Length
0.63 in (1.6 cm)
Contractual warranty
Warranty
18 months
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Feb 3, 2022
1


Similar Part No. - KSW7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
Switch
KSW-2-46+ MINI-KSW-2-46+ Datasheet
311Kb / 2P
Switch
logo
Jonard Tools.
KSW24COLOR-0100 JONARD-KSW24COLOR-0100 Datasheet
81Kb / 4P
This specification is for wire per UL Style 1422, 105°C, no voltage rated, 24 AWG. Solid silver plated oxygen free copper.
KSW26COLOR-0100 JONARD-KSW26COLOR-0100 Datasheet
371Kb / 1P
KSW & R 26 AWG WIRE 100
KSW26R-0100 JONARD-KSW26R-0100 Datasheet
371Kb / 1P
KSW & R 26 AWG WIRE 100
More results

Similar Description - KSW7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KE5BCCA1M ETC1-KE5BCCA1M Datasheet
97Kb / 2P
Classification CAM
logo
Omron Electronics LLC
H8PS OMRON-H8PS Datasheet
530Kb / 19P
Cam Positioner
3F88L-RS17 OMRON-3F88L-RS17 Datasheet
465Kb / 6P
Cam Positioner
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
DOOR INTERLOCK PLATE FOR CAM SWITCH
logo
Balluff Korea Ltd.
BNS005A BALLUFF-BNS005A Datasheet
98Kb / 2P
Mechanical Cam Switches
1.4_2022-06-11
BNS005F BALLUFF-BNS005F Datasheet
98Kb / 2P
Mechanical Cam Switches
0.115_2022-06-11
BNS005J BALLUFF-BNS005J Datasheet
106Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS04E6 BALLUFF-BNS04E6 Datasheet
109Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS04RJ BALLUFF-BNS04RJ Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS000H BALLUFF-BNS000H Datasheet
117Kb / 2P
Mechanical Cam Switches
0.108_2022-06-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com