Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1621 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1621
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1621 Datasheet HTML 8Page - Maxim Integrated Products DS1621 Datasheet HTML 9Page - Maxim Integrated Products DS1621 Datasheet HTML 10Page - Maxim Integrated Products DS1621 Datasheet HTML 11Page - Maxim Integrated Products DS1621 Datasheet HTML 12Page - Maxim Integrated Products DS1621 Datasheet HTML 13Page - Maxim Integrated Products DS1621 Datasheet HTML 14Page - Maxim Integrated Products DS1621 Datasheet HTML 15Page - Maxim Integrated Products DS1621 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS1621
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; VDD = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Thermometer Error
TERR
0°C to 70°C
3.0V≤VDD≤5.5V
±½
°C
0°C to 70°C
2.7V≤VDD≤3.0V
±1
°C
-55°C to +0°C
and
70°C to 125°C
±2
°C
Thermometer
Resolution
12
bits
Low Level Input
Voltage
VIL
0.5
0.3 VDD
V
High Level Input
Voltage
VIH
0.7 VDD
VDD+0.3
V
Pulse width of
spikes which must
be suppressed by
the input filter
tSP
Fast Mode
0
50
ns
Low Level Output
Voltage
VOL1
3 mA Sink
Current
0
0.4
V
VOL2
6 mA Sink
Current
0
0.6
V
Input Current each
I/O Pin
0.4<VI/O<0.9VDD
-10
10
µA
2
I/O Capacitance
CI/O
10
pF
13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com