Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # LM75
Description  Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM75 Datasheet(HTML) 4 Page - Maxim Integrated Products

  LM75_V01 Datasheet HTML 1Page - Maxim Integrated Products LM75_V01 Datasheet HTML 2Page - Maxim Integrated Products LM75_V01 Datasheet HTML 3Page - Maxim Integrated Products LM75_V01 Datasheet HTML 4Page - Maxim Integrated Products LM75_V01 Datasheet HTML 5Page - Maxim Integrated Products LM75_V01 Datasheet HTML 6Page - Maxim Integrated Products LM75_V01 Datasheet HTML 7Page - Maxim Integrated Products LM75_V01 Datasheet HTML 8Page - Maxim Integrated Products LM75_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
(TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
SDA
Serial-Data Input/Output Line. Open drain. Connect SDA to a pullup resistor.
2
SCL
Serial Clock Input. Open drain. Connect SCL to a pullup resistor.
3
OS
Overtemperature Shutdown Output. Open drain. Connect OS to a pullup resistor.
4
GND
Ground
5
A2
2-Wire Interface Address Input. Connect A2 to GND or +VS to set the desired I2C bus address.
Do not leave unconnected (see Table 1).
6
A1
2-Wire Interface Address Input. Connect A1 to GND or +VS to set the desired I2C bus address.
Do not leave unconnected (see Table 1).
7
A0
2-Wire Interface Address Input. Connect A0 to GND or +VS to set the desired I2C bus address.
Do not leave unconnected (see Table 1).
8
+VS
Positive Supply Voltage Input. Bypass to GND with a 0.1µF bypass capacitor.
Analog Devices │ 4
www.analog.com
LM75
Digital Temperature Sensor and Thermal
Watchdog with 2-Wire Interface
Typical Operating Characteristics
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
95
65
35
5
-25
240
250
260
270
280
290
300
230
-55
125
+VS = +5V
+VS = +3V
1
2
3
4
5
6
0
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
95
65
35
5
-25
-55
125
+VS = +5V
+VS = +3V
ACCURACY vs. TEMPERATURE
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
TEMPERATURE (°C)
95
65
35
5
-25
-55
125
4 TYPICAL PARTS
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com