Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBTA-228-BPFB-R-4R Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FBTA-228-BPFB-R-4R
Description  Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FBTA-228-BPFB-R-4R Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FBTA-228-BPFB-R-4R Datasheet HTML 1Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 2Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 3Page - Pepperl+Fuchs Inc. FBTA-228-BPFB-R-4R Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
FBTA-228-BPFB-R-4R
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
General specifications
Design / Mounting
Motherboard based
Supply
Connection
redundant
Rated voltage
Ur
21.6 ... 25.2 V
Rated current
Ir
16 A
Fieldbus interface
Number of segments
Redundant
4
Host-side
redundant Invensys FBM 228
Terminating resistor
fixed
Indicators/operating means
Fault signal
open collector, switched low
Galvanic isolation
Fieldbus segment/Fieldbus segment
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Fieldbus segment/Supply
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Directive conformity
Electromagnetic compatibility
Directive 2004/108/EC
EN 61326-1:2006
Standard conformity
Electromagnetic compatibility
NE 21:2006
Degree of protection
IEC 60529
Fieldbus standard
IEC 61158-2
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
< 95 % non-condensing
Shock resistance
15 g 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Mechanical specifications
Connection type
Cage tension spring terminals
Core cross-section
≤ 2.5 mm2
Housing material
ABS
Housing width
242 mm
Housing height
250 mm
Housing depth
55 mm
Degree of protection
IP00
Mass
approx. 1.15 kg
Mounting
DIN mounting rail
Data for application in connection
with hazardous areas
Certificate
TÜV 05 ATEX 2890 X
Marking
¬
II 3G EEx nA II T4
Directive conformity
Directive 94/9/EC
EN 60079-15:2003
International approvals
FM approval
FM certificate
FM 19 US 0015 X and FM 19 CA 0011 X
FM marking
AEx/Ex ec IIC T4
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals where applicable. For
information see www.pepperl-fuchs.com.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com