Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA007-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA007-G
Description  SMA MALE CABLE END CRIMP FOR RG-174 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA007-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA007-G Datasheet HTML 1Page - Linx Technologies CONSMA007-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.00
0.079
2.00
0.079
6.50
0.256
RECOMMENDED CABLE STRIPPING DIMENSIONS
CAN ALSO BE USED WITH:
RG-188A & RG-316
RG-174
CABLE
5
6
TABLE I
TABLE II
TABLE III
7
ASSEMBLY INSTRUCTIONS
Strip the cable to the recommended dimensions.
1.
Slip heat shrink and crimp ring onto stripped cable.
2.
Solder the pin to the center-conductor.
3.
Insert the pin, center-conductor and insulator into the body
4.
until the top of the pin is flush with the opening of the body.
Wrap the braid around the tail of the body and crimp the
5.
ring with a 0.128" hex crimp tool, (or one labeled for use
with RG-174 cable).
Use heat shrink to cover crimp.
6.
SHEET 2 OF 2
LDCFDAL_A
SCALE: 1:1
A
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
SEE SHEET 1 FOR REVISIONS
A
CONSMA007-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com