Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMA015-R178-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA015-R178-G
Description  SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP W/O-RING FOR RG-178 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA015-R178-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA015-R178-G Datasheet HTML 1Page - Linx Technologies CONSMA015-R178-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.00
0.197
0.80
0.031
5.00
0.197
RECOMMENDED CABLE STRIPPING DIMENSIONS
CAN ALSO BE USED WITH:
RG-196
RG-178
CABLE
6.50
0.256
6.00
0.236
RECOMMENDED MOUNTNG HOLE
5
6
TABLE I
TABLE II
TABLE III
7
ASSEMBLY INSTRUCTIONS
Strip the cable to the recommended dimensions.
1.
Solder the support onto the braid.
2.
Place the spacer onto the center-conductor.
3.
Solder, or crimp the socket onto the center-conductor.
4.
Insert the socket, center-conductor, spacer and support into
5.
the body until the top of the socket is flush with the white
insulation in the body.
Crimp the tail of the body onto the support with a 0.093" hex
6.
crimp tool.
SHEET 2 OF 2
LDCFDAL_A
SCALE: 4:1
A
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
SEE SHEET 1 FOR REVISIONS
A
CONSMA015-R178-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com