Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB006-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMB006-G
Description  SMB Plug PCB Through Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB006-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMB006-G Datasheet HTML 1Page - Linx Technologies CONSMB006-G Datasheet HTML 2Page - Linx Technologies CONSMB006-G Datasheet HTML 3Page - Linx Technologies CONSMB006-G Datasheet HTML 4Page - Linx Technologies CONSMB006-G Datasheet HTML 5Page - Linx Technologies CONSMB006-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONSMB006-G
Product Dimensions
SOCAA CORP.,LTD.
DWG NO:CONSMB006
4.06 mm
(0.16 in)
4.06 mm
(0.16 in)
6.1 mm
(0.24 in)
6.1 mm
(0.24 in)
5.08 mm
(0.20 in)
Ø1.2 mm
(0.05 in)
4x Ø1.7 mm
(0.07 in)
5.08 mm
(0.20 in)
13.0 mm
(0.51 in)
9.06 mm
(0.36 in)
Ø6.5 mm
(0.26 in)
Ø0.96 mm
(0.04 in)
□7.0 mm
(0.28 in)
Figure 1. Product Dimensions for the CONSMB006-G Connector
Table 2. Connector Components
Model
CONSMB006-G
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact (socket)
Beryllium Copper
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the connectors recommended PCB footprint and through hole sizes.
SOCAA CORP.,LTD.
DWG NO:CONSMB006
4.06 mm
(0.16 in)
4.06 mm
(0.16 in)
6.1 mm
(0.24 in)
6.1 mm
(0.24 in)
5.08 mm
(0.20 in)
Ø1.2 mm
(0.05 in)
4x Ø1.7 mm
(0.07 in)
5.08 mm
(0.20 in)
13.0 mm
(0.51 in)
9.06 mm
(0.36 in)
Ø6.5 mm
(0.26 in)
Ø0.96 mm
(0.04 in)
□7.0 mm
(0.28 in)
Figure 2. Recommended PCB Dimensions for the CONSMB006-G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com