Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONSMB007-G Datasheet(PDF) 3 Page - Linx Technologies

Part # CONSMB007-G
Description  SMB Plug Cable Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB007-G Datasheet(HTML) 3 Page - Linx Technologies

  CONSMB007-G Datasheet HTML 1Page - Linx Technologies CONSMB007-G Datasheet HTML 2Page - Linx Technologies CONSMB007-G Datasheet HTML 3Page - Linx Technologies CONSMB007-G Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Datasheet
CONSMB007-G
Connector Performance
Table 5 shows insertion loss and VSWR values for the CONSMB007-G connector at commonly used
frequencies.
Insertion loss is the loss of signal power (gain) resulting from the insertion of a device in a transmission line.
VSWR describes how efficiently power is transmitted through the connector. A lower VSWR value indicates
better performance at a given frequency.
Table 5. Insertion Loss and VSWR for the CONSMB007-G Connector
Band
Low-Band Cellular/
ISM/LPWA
Midband Cellular/
GNSS
WiFi/ISM
WiFi 6
Frequency Range
400 MHz to 960 MHz
1164 MHz to 5000 MHz
2.4 GHz
5 GHz to 7.125 GHz
Insertion Loss (dB max)
-0.13
-0.34
-0.22
-0.41
VSWR (max)
1.1
1.2
1.1
1.2
Table 6. Mechanical Specifications
Model
CONSMB007-G
Mounting Type
Cable Mount (crimp type)
Fastening Type
Snap-on Coupling
Interface in Accordance with
MIL-STD-348A
Connector Durability
500 cycles min.
Weight
2.5 g (0.09 oz)
Table 7. Environmental Specifications
MIL-STD, Method, Test Condition
Corrosion (Salt spray)
MIL-STD-202 Method 101 test condition B
Thermal Shock
MIL-STD-202 Method 107 test condition B
Vibration
MIL-STD-202 Method 204 test condition B
Mechanical Shock
MIL-STD-202 Method 213 test condition I
Temperature Range
-65 °C to +165 ° C
Environmental Compliance
RoHS
Packaging Information
The CONSMB007-G connector is placed in a clear plastic bag. Individual bags are sealed in a bulk plastic
bag of 50 pcs. Bulk bags are packaged in a carton (800 pcs). Distribution channels may offer alternative
packaging options.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com