Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA-RPSM-216-RSFB Datasheet(PDF) 1 Page - Linx Technologies

Part # CSA-RPSM-216-RSFB
Description  CONSMA007 to CONREVSMA005, 8.5??RG-174 Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CSA-RPSM-216-RSFB Datasheet(HTML) 1 Page - Linx Technologies

  CSA-RPSM-216-RSFB Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
A
New Frame
1/18/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Cable
Nickel
Black
Washer
Nickel
Brass
Nut
Nickel
Brass
Heat Shrink
Black
Polyolefin
Brass
RG-174
CONREVSMA007 to CONREVSMA005,
8.5” RG-174 Cable
CSA-RPSM-216-RSFB
CJ
1/18/10
8.50”
(216.0)
RG-174/U
0.065
(1.65)
1/4-36UNS-2A
THREADS
H8
0.020
(0.50)
Ø0.402
(10.20)
NUT
WASHER


Similar Part No. - CSA-RPSM-216-RSFB

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CSA-RPSM-216-SAFB LINX-CSA-RPSM-216-SAFB Datasheet
228Kb / 1P
CSA-RPSM-216-SAFB
1/18/10
More results

Similar Description - CSA-RPSM-216-RSFB

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
RG-174 RF Coax Cable Assemblies
logo
General Cable Technolog...
C1156 GENERAL-C1156 Datasheet
38Kb / 1P
RG 174/U TYPE COAXIAL CABLE
logo
List of Unclassifed Man...
7805 ETC2-7805 Datasheet
105Kb / 4P
Coax - RG-174 Type
logo
Molex Electronics Ltd.
73396-0430 MOLEX11-73396-0430 Datasheet
37Kb / 1P
50 Ohms, SMB Jack for RG-174, RG-188 and RG-316 Cable
logo
List of Unclassifed Man...
ANT-418-PW-QW ETC2-ANT-418-PW-QW Datasheet
144Kb / 1P
Integral 8쩍-inch RG-174 coax cable
logo
Molex Electronics Ltd.
0732980140 MOLEX11-0732980140 Datasheet
37Kb / 1P
50 Ohms, BMA Jack, RG-174, RG-188 and RG-316 Cable
0732980140 MOLEX-0732980140_V01 Datasheet
39Kb / 1P
50 Ohms, BMA Jack, RG-174, RG-188 and RG-316 Cable
0734040710 MOLEX-0734040710_V01 Datasheet
27Kb / 1P
50 Ohms, SMB Plug, RG-174, RG-188 and RG-316 Cable
logo
Linx Technologies
CONSMA011-G LINX-CONSMA011-G Datasheet
328Kb / 2P
SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
CSA-SMAM-216-SAFB LINX-CSA-SMAM-216-SAFB Datasheet
226Kb / 1P
CONSMA007 to CONSMA005, 8.5 RG-174 Cable
1/18/10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com