Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA-RPSM-216-SAFB Datasheet(PDF) 1 Page - Linx Technologies

Part # CSA-RPSM-216-SAFB
Description  CSA-RPSM-216-SAFB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CSA-RPSM-216-SAFB Datasheet(HTML) 1 Page - Linx Technologies

  CSA-RPSM-216-SAFB Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
A
New Frame
1/18/10
CJ
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Cable
Nickel
Black
Washer
Nickel
Brass
Nut
Nickel
Brass
Heat Shrink
Black
Polyolefin
Brass
RG-174
CONREVSMA007 to CONSMA005,
8.5” RG-174 Cable
CSA-RPSM-216-SAFB
CJ
1/18/10
8.50”
(216.0)
RG-174/U
0.065
(1.65)
1/4-36UNS-2A
THREADS
H8
0.020
(0.50)
Ø0.402
(10.20)
NUT
WASHER


Similar Part No. - CSA-RPSM-216-SAFB

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CSA-RPSM-216-RSFB LINX-CSA-RPSM-216-RSFB Datasheet
228Kb / 1P
CONSMA007 to CONREVSMA005, 8.5??RG-174 Cable
1/18/10
More results

Similar Description - CSA-RPSM-216-SAFB

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427002 WURTH-7427002 Datasheet
386Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
74270010 WURTH-74270010 Datasheet
381Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
74270012 WURTH-74270012 Datasheet
366Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
74270014 WURTH-74270014 Datasheet
368Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
742700713 WURTH-742700713 Datasheet
395Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
742700727 WURTH-742700727 Datasheet
382Kb / 4P
WE-SAFB Small Size EMI Suppression Ferrite Bead
logo
HARTING Technology Grou...
09-30-000-9958 HARTING-09-30-000-9958 Datasheet
456Kb / 1P
CSA Label CSA A 4/50 STCK.
2021-10-01
logo
Linx Technologies
CSA-SMAM-216-RSFB LINX-CSA-SMAM-216-RSFB Datasheet
227Kb / 1P
CSA-RPSM-216-RSFB
1/18/10
logo
Belden Inc.
FS1L216NG BELDEN-FS1L216NG Datasheet
140Kb / 2P
Outdoor Loose Tube OM1 216 Fibers
11-09-2022
FS2L216NG BELDEN-FS2L216NG Datasheet
140Kb / 2P
Outdoor Loose Tube OM2 216 Fibers
11-09-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com