Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4659ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4659ESA
Description  High-Current, 25廓, SPDT, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4659ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4659ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4659ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
20
30
25
40
35
45
50
04
6
28
10
12
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.1
1
100
10
1000
10,000
-40
10
-15
35
60
85
LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +15V
V- = -15V
ICOM(ON)
ICOM(OFF)
-60
-30
30
0
60
90
-15
-5
-10
0
5
10
15
CHARGE INJECTION
vs. VCOM
VCOM (V)
A
B
A: V+ = 15V, V- = -15V
B: V+ = 12V, V- = 0
0
300
900
600
1200
1500
010
15
520
25303540
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(SINGLE SUPPLY)
SUPPLY VOLTAGE (V)
V- = 0
0
40
120
80
160
200
SUPPLY CURRENT vs. SUPPLY VOLTAGE
AND TEMPERATURE
SUPPLY VOLTAGE (V)
010
515
A
B
C
D
F
DUAL SUPPLIES
VCOM = 3V,
ISWITCH = 100mA,
IN = GND
A: I+, TA = -40
°C
B: I+, TA = +25
°C
C: I+, TA = +85
°C
D: I-, TA = -40
°C
E: I-, TA = +25
°C
F: I-, TA = +85
°C
E
0.0001
0.01
0.1
1
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
V+ = 15V
V- = -15V
5VRMS SIGNAL
600
Ω SOURCE AND
BW = 80kHz
0
10
5
25
20
15
30
35
50
45
40
55
08
16
24
32
40
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
A
B
C
D
E
A: V+ = +9V, V- = 0
B: V+ = +12V, V- = 0
C: V+ = +24V, V- = 0
D: V+ = +36V, V- = 0
E: V+ = +40V, V- = 0
30
25
20
15
10
-15
0
-10
-5
5
10
15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
High-Current, 25
Ω
Ω, SPDT, CMOS
Analog Switches
_______________________________________________________________________________________
5
0
10
5
20
15
50
30
25
35
40
45
55
-20
-10
0
10
20
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
D: V+ = +15V, V- = -15V
E: V+ = +20V, V- = -20V
A: V+ = +4.5V, V- = -4.5V
B: V+ = +10V, V- = -10V
C: V+ = +12V, V- = -12V
A
B
C
D
E
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com