Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB14N-600-R Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # VB14N-600-R
Description  Barcode scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB14N-600-R Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  VB14N-600-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB14N-600-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB14N-600-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB14N-600-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB14N-600-R Datasheet HTML 5Page - Pepperl+Fuchs Inc. VB14N-600-R Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Power consumption
P0
max. 5 W
Interface
Interface type
serial , RS-232 and RS-485 up to 115.2 kBit/s
ID-NET™ up to 1 Mbit/s
Input 1
Input type
External triggering
Output
Signal output
2, programmable, optocoupled
Switching voltage
max. 40 V DC
Switching current
max. 40 mA
Voltage drop
Ud
1 V at load current ≤ 10 mA
Compliance with standards and directives
Directive conformity
EMC Directive 2004/108/EC
Standard conformity
Noise immunity
EN 61000-6-2:2005
Emitted interference
EN 55022
Degree of protection
EN 60529
Laser class
IEC 60825-1:2007 Complies with 21 CFR 1040.10 and 1040.11 except for deviations
pursuant to Laser Notice No. 50, dated June 24, 2007
Ambient conditions
Ambient temperature
0 ... 45 °C (32 ... 113 °F)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Relative humidity
90 % , noncondensing
Shock resistance
IEC 68-2-27 Test EA 30G; 11 ms; 3 impacts on each axis
Vibration resistance
IEC 68-2-6 Test FC 1.5 mm ; 10 ... 55 Hz ; 2 hours on each axis
Mechanical specifications
Degree of protection
IP65
Connection
1 m cable with 25-pin Sub-D connector
Material
Housing
Aluminum
Mass
330 g
Barcode scanner
VB14N-600-R
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com