Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083P Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SC4083P
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC4083P Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SC4083P Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC4083P Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC4083P Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC4083P Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC4083P
GENERAL PURPOSE TRANSISTOR
HIGH-FREQUENCY AMPLIFIER TRANSISTOR 11V, 50mA, 3.2GHz
REV1.0
- APR 2021 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
TA=25℃
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 25°C
VCBO, Collector-base voltage
20V
VCEO, Collector-emitter voltage
11V
VEBO, Emitter-base voltage
3V
IC, Collector Current
50mA
PC, Collector Power Dissipation
0.15W
TJ, Junction Temperature
150℃
TSTG, Storage Temperature
-55℃~+150℃
Parameter
Symbol
Characteristic
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
BVCBO
IC=1.0μA
20
-
-
V
Collector-Emitter Breakdown Voltage
BVCEO
IC = 1mA
11
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE = 10μA
3
-
-
V
Collector Cutoff Current
ICBO
VCB = 10V
-
-
0.5
µA
Emitter Cutoff Current
IEBO
VEB = 2V
-
-
0.5
µA
Collector-Emitter Saturation Voltage
VCE(sat)
IC/IB = 10mA/5mA
-
-
0.5
V
DC Current Transfer Ratio
hFE
VCE/IC = 10V/5mA
82
-
180
Transition Frequency
fT
VCB = 10V, IC = 10mA,
f = 500MHz
1.4
3.2
-
GHz
Output Capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
0.8
1.5
pF
Collector-Base Time constant
rbb'·Cc
VCB = 10V, IC = 10mA,
f = 31.8MHz
-
4
12
ps
Noise Factor
NF
VCE = 6V, IC = 2mA,
f = 500MHz, Rg = 50Ω
-
3.5
-
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com