Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49S Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # HC49S
Description  Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

HC49S Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  HC49S Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HC-49/U-S
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
sFeatures
¡Height 3.5mm, the volume is compact at about one-fourth that of
the former product (HC-49/U).
¡A resistance weld completely sealed type.
¡The frequency stability is good, the reliability is high.
¡Multiple standard frequencies.
¡Copes with high density mounting and is optimum for mass
production models.
Dimensions(mm)
sSpecifications
sTable 2 Standard Frequencies
sOutline
Type
HC-49/U-S
Standard Frequency
-10~+70
:
Operating Temp. Range
Overtone Order
-40~+85
:
Storage Temp. Range
Frequency
Tolerance
at 25
:
Over The Oper. Temp. Range
Equivalent Series Resistance
Load Capacitance
Shock
Vibration
∆F/F : ±10×10-6
Three drops onto a hard wood board from the height of 20cm
Three drops onto a hard wood
board from the height of 100cm
10~55Hz, amplitude 1.5mm, each
to 3 directions, 6 hours each
∆F/F : ±10×10-6
10~55Hz, amplitude 0.7~0.9mm, each to 3 directions, 30 minutes each
Frequency Range
Main application
3.2~29MHz : Fundamental
29~60MHz : 3rd O.T.
Automotive engine control
4~20MHz
Table3
-40~+125
:
-40~+150
:
±100×10-6
±200×10-6(referred to 25:)
Table 3
Table 3
Fundamental
Drive Level
Shunt Capacitance
0.3mW MAX.
7.0pF MAX.
Table 1
Table 2
AV • PC
3.2~60MHz
±15, ±30, ±50×10-6
±15, ±30, ±50×10-6 (referred to 25:)
Table 2
Table 2
Table 1
Table 1
Frequency
(MHz)
Load
capacitance
(pF)
Frequency
(MHz)
Load
capacitance
(pF)
Equivalent
series
resistance
(
ΩMAX.)
Equivalent
series
resistance
(
ΩMAX.)
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
12
16
16
16
16
11.5
16
14
16
16
16
16
16
16
16
12
12
12
12
12
12.000
12.288
13.500
14.31818
3.200
3.579545
3.6864
4.000
4.194304
4.433619
4.500
4.9152
6.000
6.144
7.3728
8.000
8.4672
9.8304
10.000
10.240
10.738635
11.000
11.0592
300
150
150
150
120
120
120
100
90
90
90
90
90
90
90
90
90
90
90
70
70
50
50
12
12
12
12
16.000
16.9344
17.734476
20.000
21.47727
24.000
24.576
27.000
29.4912
32.000
33.8688
40.000
48.000
50.000
54.000
60.000
50
50
50
50
50
50
50
50
150
150
150
150
150
150
150
150
16
10
4.332
7.2
120
90
11.00MAX
10.3MAX
φ0.43±0.05
4.88
±0.2
HC-49/U-S
3.579545
4.433619
14.31818
17.734476
Series/16
Series/16
Series/12
Series/12
Frequency
(MHz)
Load
capacitance
(pF)
Equivalent
series
resistance
(
ΩMAX.)
150
120
50
50
4.000
5.000
6.000
8.000
10.000
12.000
16.000
18.000
20.000
12
12
12
12
12
12
12
12
12
200
200
120
90
90
70
50
50
50
Frequency
(MHz)
Load
capacitance
(pF)
Equivalent
series
resistance
(
ΩMAX.)
sTable 1
Standard Frequencies
sTable 3
Standard Frequencies


Similar Part No. - HC49S

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49S FOX-HC49S Datasheet
42Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Vanlong Technology Co.,...
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
logo
IQD Frequency Products ...
HC49S IQD-HC49S Datasheet
130Kb / 1P
Quartz Crystal Specification
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
More results

Similar Description - HC49S

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
HC-49U-S KSS-HC-49U-S Datasheet
130Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
logo
List of Unclassifed Man...
AA32C3 ETC2-AA32C3 Datasheet
46Kb / 1P
HC-49/U Microprocessor Crystal
logo
Advanced XTAL Products
AXX49 AXTAL-AXX49 Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U
2005-01-15
AXX49S AXTAL-AXX49S Datasheet
156Kb / 2P
Quartz Crystal Unit HC-49/U with low profile
2005-01-15
AXX49T AXTAL-AXX49T Datasheet
127Kb / 2P
Quartz Crystal Unit HC-49/U with reduced height
2005-01-15
logo
Pletronics, Inc.
MP49 PLETRONICS-MP49 Datasheet
90Kb / 6P
HC-49/U Crystal
logo
Caliber Electronics Inc...
AA32C1 CALIBER-AA32C1 Datasheet
51Kb / 1P
HC-49/U Microprocessor Crystal
logo
Suzhou HangJing Electro...
X49SS2 HANGJING-X49SS2 Datasheet
295Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S SMD PACKAGE WITH 2 LEADS
X49SS3 HANGJING-X49SS3 Datasheet
220Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/S SMD PACKAGE WITH 3 LEADS
X49UT2 HANGJING-X49UT2 Datasheet
289Kb / 1P
QUARTZ CRYSTAL UNIT IN HC-49/U THRU-HOLE PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com