Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML61 Datasheet(PDF) 4 Page - Minilogic Device Corporation Limited

Part # ML61
Description  Series Positive Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61 Datasheet(HTML) 4 Page - Minilogic Device Corporation Limited

  ML61 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ML61
Transient Delay Time
tDLY (ms)
MIN.
MAX.
Condition
TYP.
Condition
TYP.
MAX.
ML61X113XX
ML61X123XX
ML61X133XX
ML61X143XX
VDS = 0.5V
ML61X153XX
ML61X163XX
VIN = 1.0V
ML61X173XX
ML61X183XX
ML61X193XX
ML61X202XX
ML61X212XX
ML61X222XX
ML61X232XX
ML61X242XX
VDS = 0.5V
ML61X252XX
ML61X262XX
VIN = 2.0V
ML61X272XX
ML61X282XX
ML61X292XX
ML61X302XX
ML61X312XX
ML61X322XX
ML61X332XX
ML61X342XX
VDS = 2.1V
VDS = 0.5V
ML61X352XX
ML61X362XX
VIN = 8.0V
VIN = 3.0V
ML61X372XX
ML61X382XX
ML61X392XX
ML61X402XX
ML61X412XX
ML61X422XX
ML61X432XX
ML61X442XX
VDS = 0.5V
ML61X452XX
ML61X462XX
VIN = 4.0V
ML61X472XX
ML61X482XX
ML61X492XX
ML61X502XX
ML61X512XX
ML61X522XX
ML61X532XX
ML61X542XX
VDS = 0.5V
ML61X552XX
ML61X562XX
VIN = 5.0V
ML61X572XX
ML61X582XX
ML61X592XX
ML61X602XX
0.2
3.0
5.0
11.0
13.0
0.8V
10V
-10.0
1.0
Part Number
Operating Voltage
Pch Output Current
Nch Output Current
VIN (V)
Pch IOUT (mA)
Nch IOUT (mA)
P4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com