Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL251R Datasheet(PDF) 13 Page - ams AG

Part # TSL251R
Description  Light-to-Voltage Optical Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL251R Datasheet(HTML) 13 Page - ams AG

Back Button TSL251R Datasheet HTML 9Page - ams AG TSL251R Datasheet HTML 10Page - ams AG TSL251R Datasheet HTML 11Page - ams AG TSL251R Datasheet HTML 12Page - ams AG TSL251R Datasheet HTML 13Page - ams AG TSL251R Datasheet HTML 14Page - ams AG TSL251R Datasheet HTML 15Page - ams AG TSL251R Datasheet HTML 16Page - ams AG TSL251R Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ams Datasheet
Page 13
[v1-00] 2016-May-30
Document Feedback
TSL250R, TSL251R, TSL252R − Mechanical Information
The devices are supplied in a clear plastic three-lead
package (S). The integrated photodiode active area is typically
1.0mm2 (0.0016in2) for TSL250R, 0.5mm2 (0.00078in2) for the
TSL251R, and 0.26mm2 (0.0004in2) for the TSL252R.
Plastic Single-In-Line Side-Looker Package
Figure 16:
Plastic Single-In-Line Side-Looker Package Configuration
Note(s):
1. All linear dimensions are in millimeters; tolerance is ±0.25mm unless otherwise stated.
2. Dimension is to center of lens arc, which is located below the package face.
3. The integrated photodiode active area is typically located in the center of the lens and 0.97mm below the top of the lens surface.
4. Index of refraction of clear plastic is 1.55.
5. Lead finish for TSL25xR-LF: solder dipped, 100% Sn.
6. This drawing is subject to change without notice.
Mechanical Information
SIDE VIEW
0.42
1.56
14.86
+ 0.50
4.60
0.15
Note
2
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
FRONT VIEW
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com