Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3AI4G Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3AI4G
Description  module TM3 - 4 analog inputs spring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI4G Datasheet(HTML) 2 Page - Schneider Electric

  TM3AI4G Datasheet HTML 1Page - Schneider Electric TM3AI4G Datasheet HTML 2Page - Schneider Electric TM3AI4G Datasheet HTML 3Page - Schneider Electric TM3AI4G Datasheet HTML 4Page - Schneider Electric TM3AI4G Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Height
3.54 in (90 mm)
Depth
2.76 in (70 mm)
Width
0.93 in (23.6 mm)
Product weight
0.22 lb(US) (0.1 kg)
Environment
Standards
EN/IEC 61131-2
EN/IEC 61010-2-201
Resistance to electrostatic discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic fields
9.14 V/yd (10 V/m) at 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
2.74 V/yd (3 V/m) at 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
0.91 V/yd (1 V/m) at 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m conforming to EN/IEC 61000-4-8
Resistance to fast transients
1 kV I/O conforming to EN/IEC 61000-4-4
Resistance to conducted disturbances
10 V at 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 V at spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conforming
to Marine specification (LR, ABS, DNV, GL)
Electromagnetic emission
Radiated emissions, test level: 40 dBμV/m QP class A (10 m at 30...230 MHz)
conforming to EN/IEC 55011
Radiated emissions, test level: 47 dBμV/m QP class A (10 m at 230...1000 MHz)
conforming to EN/IEC 55011
Immunity to microbreaks
10 ms
Ambient air temperature for operation
14...131 °F (-10...55 °C) (horizontal installation)
-10...35 °C (vertical installation)
Ambient air temperature for storage
-13...158 °F (-25...70 °C)
Relative humidity
10...95 % without condensation in operation
10...95 % without condensation in storage
IP degree of protection
IP20
Pollution degree
2
Operating altitude
0...6561.68 ft (0...2000 m)
Storage altitude
0...9842.52 ft (0...3000 m)
Vibration resistance
3.5 mm at 5...8.4 Hz with DIN rail mounting support
3 gn at 8.4...150 Hz with DIN rail mounting support
Shock resistance
15 gn during 11 ms
Ordering and shipping details
Category
22533 - M2XX PLC & ACCESSORIES
Discount Schedule
MSX
GTIN
00785901513995
Nbr. of units in pkg.
1
Package weight(Lbs)
0.44
Returnability
N
Country of origin
JP
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  1415  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Available
California proposition 65
WARNING: This product can expose you to chemicals including:
- - - - - - - Substance 1
Lead and lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm.
- - - - - - - More information
For more information go to www.p65warnings.ca.gov



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com