Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3DM24RG Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3DM24RG
Description  module TM3 - 24 IO relays spring
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DM24RG Datasheet(HTML) 1 Page - Schneider Electric

  TM3DM24RG Datasheet HTML 1Page - Schneider Electric TM3DM24RG Datasheet HTML 2Page - Schneider Electric TM3DM24RG Datasheet HTML 3Page - Schneider Electric TM3DM24RG Datasheet HTML 4Page - Schneider Electric TM3DM24RG Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
TM3DM24RG
module TM3 - 24 IO relays spring
Product availability: Stock - Normally stocked in distribution facility
Main
Range of product
Modicon TM3
Product or component
type
Discrete I/O module
Range compatibility
Modicon M221
Modicon M251
Modicon M241
Discrete input number
16 input conforming to IEC 61131-2 Type 1
Discrete input logic
Sink or source (positive/negative)
Discrete input voltage
24 V
Discrete input current
7 mA input
Discrete output type
Relay normally open
Discrete output number
8
Discrete output logic
Positive or negative
Discrete output voltage
24 V DC relay output
240 V AC relay output
Discrete output current
2000 mA relay output
Complementary
Discrete I/O number
24
Current consumption
5 mAat 5 V DC via bus connector at state off
0 mA at 24 V DC via bus connector at state on
0 mAat 24 V DC via bus connector at state off
65 mAat 5 V DC via bus connector at state on
Discrete input voltage type
DC
Voltage state 1 guaranteed
15...28.8 V input
Current state 1 guaranteed
>= 2.5 mA for input
Voltage state 0 guaranteed
0...5 V input
Current state 0 guaranteed
<= 1 mA for input
Input impedance
3.4 kOhm
Response time
4 ms turn-on
4 ms turn-off
Current per output common
7 A
Mechanical durability
20000000 cycles
Minimum load
10 mA at 5 V DC relay output
Local signalling
1 LED per channel green I/O state
Electrical connection
Removable spring terminal block pitch 3.81 mm with 17 terminal(s) of 1.5 mm²
connection capacity for inputs
Removable spring terminal block pitch 3.81 mm with 11 terminal(s) of 1.5 mm²
connection capacity for outputs
Insulation
Non-insulated between inputs
500 V AC between output and internal logic
Non-insulated between outputs
500 V AC between input and internal logic
1500 V AC between input groups and output groups
750 V AC between open contact
Marking
CE
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
Plate or panel with fixing kit
Height
3.54 in (90 mm)
Depth
3.33 in (84.6 mm)
Width
1.69 in (42.9 mm)


Similar Part No. - TM3DM24RG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DM24RG SCHNEIDER-TM3DM24RG Datasheet
180Kb / 8P
Discrete I/O module, Modicon TM3, 24 IO (16 inputs, 8 relay outputs, spring) 24 VDC
Apr 4, 2022
TM3DM24RG SCHNEIDER-TM3DM24RG_V01 Datasheet
180Kb / 8P
Discrete I/O module, Modicon TM3, 24 IO (16 inputs, 8 relay outputs, spring) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3DM24RG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DM24R SCHNEIDER-TM3DM24R Datasheet
178Kb / 5P
module TM3 - 24 IO relays
Aug 11, 2019
TM3DQ16R SCHNEIDER-TM3DQ16R Datasheet
168Kb / 6P
module TM3 - 16 outputs relays
Aug 11, 2019
TM3DI16G SCHNEIDER-TM3DI16G Datasheet
154Kb / 5P
module TM3 - 16 inputs spring
Aug 10, 2019
TM3DQ16RG SCHNEIDER-TM3DQ16RG Datasheet
172Kb / 6P
module TM3 - 16 outputs relays spring
Aug 11, 2019
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AQ2G SCHNEIDER-TM3AQ2G Datasheet
144Kb / 8P
Analog output module, Modicon TM3, 2 outputs (spring) 24 VDC
Apr 4, 2022
TM3AQ4G SCHNEIDER-TM3AQ4G Datasheet
144Kb / 8P
Analog output module, Modicon TM3, 4 outputs (spring) 24 VDC
Apr 4, 2022
TM3DI16G SCHNEIDER-TM3DI16G_V01 Datasheet
157Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (spring) 24 VDC
Apr 4, 2022
TM3DM24RG SCHNEIDER-TM3DM24RG_V01 Datasheet
180Kb / 8P
Discrete I/O module, Modicon TM3, 24 IO (16 inputs, 8 relay outputs, spring) 24 VDC
Apr 4, 2022
TM3DM8RG SCHNEIDER-TM3DM8RG Datasheet
163Kb / 8P
Discrete I/O module, Modicon TM3, 8 IO (4 inputs, 4 relay outputs, spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com