Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63271APR Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML63271APR
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63271APR Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML63271APR Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63271APR Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63271APR Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63271APR Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63271APR Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
ML63
v Application Notes
Note on Use
1. It is recommended to use capacitor with a capacity of 10uF or more for good frequency characteristics, otherwise it will lead
to high output ripple. Tantalum type capacitor is recommended. As there may be the case where a spike-shaped high voltage
is generated by the inductor when Lx transistor is turned off, the operating voltage of capacitor should be at least three times
of the output set voltage so as to avoid over-voltage damage.
2. It is recommended to use inductor has sufficiently small d.c. resistance, large allowable current and hardly reaches magnetic
saturation. When the inductance of inductor is small, there may be the case that the inductor current exceeds the absolute
maximum ratings at the maximum load condition.
3. It is recommended to place external components as close as possible to the DC/CD converter so as to minimize the
interconnection parasitic between components and DC/DC converter, especially for the capacitor connected to VOUT pin. It
is recommended to place 0.1uF ceramic capacitor between VOUT pin and VSS pin.
4. It is recommended to provide sufficient grounding for VSS pin. This will help to stable the zero level within DC/DC
converter induced by the switching current level variation during operation. And the insufficient grounding may result in
unstable operation of DC/DC converter.
v Pin Configuration
SOT-89 :
Pin Number
Pin Name
Description
1
VSS
Ground
2
VOUT
Voltage Output/Internal power supply
3
Lx
Switch
TO-92 :
Pin Number
Pin Name
Description
1
VSS
Ground
2
VOUT
Voltage Output/Internal power supply
3
Lx
Switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com