Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML0308 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML0308
Description  ML0308 Backlight LED Boost Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML0308 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML0308 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML0308 Datasheet HTML 4Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
ML0308
ABSOLUTE MAXIMUM RATINGS
Rating
Pin
Value
Unit
Input voltage
VIN
6.0
V
Output voltage
SW
18
V
EN
10
V
FB
VIN+0.3
V
Operating temperature
-30 to 80
°C
Storage temperature
-40 to 125
°C
ELECTICAL CHARACTISTICS
All specifications apply under the condition VIN = 3.0V and TA = 25°C unless specified.
The ˙ donates the specifications which apply over the full operating temperature range
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
3.0
V
Maximum Operating Voltage
5.5
V
Feedback Voltage
0°C to 85°C
185
200
215
mV
Supply Current
Switching
EN Pin = 0V
100
150
0.1
uA
uA
EN Pin HIGH Threshold
1.2
V
EN Pin LOW Threshold
0.5
V
Switch Frequency
0.7
1.0
1.53
MHz
Duty Ratio
˙
73
75
77
%
MOSFET Current Limit
˙
180
250
mA
MOSFET ON Resistance
VIN =3.0V, IDS = 100mA
Ω
MOSFET Leakage Current
VIN =5.5V
1.0
uA
Overvoltage Limit
16.7
17.5
V
Soft-start Time
200
us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com