Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1001 Datasheet(PDF) 9 Page - Minilogic Device Corporation Limited

Part # ML1001
Description  ML1001 Series Static LCD COG Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1001 Datasheet(HTML) 9 Page - Minilogic Device Corporation Limited

Back Button ML1001 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML1001 Datasheet HTML 13Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
P9/14
Rev. M, Aug 2012
ML1001
Note : Pin LOAD and Pin CHECK shall be connected together if the flip-chip assembly is in good
condition. Hence, Pin CHECK can be served for qualifying the flip-chip assembly quality.
Application Examples
ML1001-1U Standard Application
ML1001-1U Application Circuit with 1 Hz Blink Feature
Pin
Number
Pin Name
1
VDD
2
GND
3
LOAD
4
DIN
5
DCLK
6
BEN
7
CHECK
Pin
Number
Pin Name
1
VDD
2
GND
3
LOAD
4
DIN
5
DCLK
6
CHECK
Note : Blink at 1 Hz if BEN = 0V, Normal Display if BEN = VDD.
ML1001-1U Application Circuit with External 32 KHz Clock
Pin
Number
Pin Name
1
VDD
2
GND
3
LOAD
4
DIN
5
DCLK
6
FIN
7
CHECK
Note : If External 32 KHz Clock Signal is available, designer can turn off Internal Oscillator
to save power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com