Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML1469 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML1469
Description  ML1469 4-channel BTL driver for CD players
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1469 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML1469 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
_______________________________________________________________
ML1469
BTL Driver for CD Player
May, 2004 V1.3
Pin
Pin Name
Function
Pin
Pin Name
Function
1
ch1-OUTA
Driver channel 1 negative output
15
OP IN (-)
Operational amplifier negative input
2
ch1-OUTB Driver channel 1 positive output
16
OP IN (+)
Operational amplifier positive input
3
ch1-INA
Driver channel 1 input
17
ch3-OUTA
Driver channel 3 negative output
4
ch1-INB
Driver channel 1 input, gain adjustment
18
ch3-OUTB Driver channel 3 positive output
5
Tr-B
Connect to external transistor base
19
ch3-INA
Driver channel 3 input
6
Vreg OUT
Regulated voltage output (5.0V or 3.3V)
20
ch3-INB
Driver channel 3 input, gain adjustment
7
MUTE
Driver mute control input
21
Vcc
Power supply
8
GND
Ground
22
Vcc
Power supply
9
ch2-INB
Driver channel 2 input, gain adjustment
23
BIAS IN
Bias amplifier input pin
10
ch2-INA
Driver channel 2 input
24
ch4-INB
Driver channel 4 input, gain adjustment
11
ch2-OUTB Driver channel 2 positive output
25
ch4-INA
Driver channel 4 input
12
ch2-OUTA
Driver channel 2 negative output
26
ch4-OUTB Driver channel 4 positive output
13
SUBGND
Substrate ground
27
ch4-OUTA
Driver channel 4 negative output
14
OP OUT
Operational amplifier output
28
SUBGND
Substrate ground
Pin Configuration
ML1469
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Pin Description
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com