Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2LMDPDP02 Datasheet(PDF) 2 Page - IOGEAR

Part # G2LMDPDP02
Description  Mini DisplayPort to DisplayPort Cable - 6ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LMDPDP02 Datasheet(HTML) 2 Page - IOGEAR

  G2LMDPDP02 Datasheet HTML 1Page - IOGEAR G2LMDPDP02 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Display
1 DisplayPort Input
Mini DisplayPort
Source
1 Mini DisplayPort
Output
Package Contents
1 x 6ft Mini
DisplayPort to
DisplayPort Cable
Specifications
Function
G2LMDPDP02
Cable Distance
6ft
Cable Connections
Input
Mini DisplayPort
Output
DisplayPort
Connectors
Gold-Plated
Cable Type
Mini DisplayPort to DisplayPort
Dimensions
G2LMDPDP02
POP Information
10'' Peg Hook
20
6'' Peg Hook
12
Unit Dimensions
Height
0.5" (1.27cm)
Depth
6.25" (15.9cm)
Length
5.63" (14.3cm)
Unit Package Dimensions
Width
6.75" (17.1cm)
Height
9.75" (24.8cm)
Depth
0.50" (1.27cm)
Master Carton
Width
19.5" (49.5cm)
Height
7.38" (19.9cm)
Depth
11.5" (29.2cm)
Master Carton Qty.
48
Weight
Master Carton Wt.
10.85lb (4.95kg)
Unit Pack Wt.
0.15lb (0.06kg)
Unit Wt. w/accessories
0.20lb (0.09kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com